データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SKL36BG データシート(PDF) 3 Page - Chip Integration Technology Corporation

部品番号 SKL36BG
部品情報  3A Surface Mount Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CITC [Chip Integration Technology Corporation]
ホームページ  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

SKL36BG データシート(HTML) 3 Page - Chip Integration Technology Corporation

  SKL36BG Datasheet HTML 1Page - Chip Integration Technology Corporation SKL36BG Datasheet HTML 2Page - Chip Integration Technology Corporation SKL36BG Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
CITC reserves the right to make changes to this document and its products and specifications at any
time without notice.
Customers should obtain and confirm the latest product information and specifications before final
design, purchase or use.
CITC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does CITC assume any liability for application assistance or customer product
design.
CITC does not warrant or accept any liability with products which are purchased or used for any
unintended or unauthorized application.
No license is granted by implication or otherwise under any intellectual property rights of CITC.
CITC products are not authorized for use as critical components in life support devices or systems
without express written approval of CITC.
http://www.citcorp.com.tw/
Tel:886-3-5600628
Fax:886-3-5600636
Add:Rm. 3, 2F., No.32, Taiyuan St., Zhubei City, Hsinchu County 302, Taiwan (R.O.C.)
Dimensions in inches and (millimeters)
3A Surface Mount Schottky Barrier Rectifiers
SKL32B THRU SKL320B
■ SMB foot print
A
C
B
B
0.098 (2.50)
A
0.091 (2.30)
C
0.071 (1.80)
Document ID : DS-12K16
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C1


同様の部品番号 - SKL36BG

メーカー部品番号データシート部品情報
logo
Diotec Semiconductor
SKL36 DIOTEC-SKL36 Datasheet
119Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SKL36 DIOTEC-SKL36 Datasheet
184Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SKL36 DIOTEC-SKL36 Datasheet
154Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SKL36 DIOTEC-SKL36 Datasheet
135Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SKL36-Q DIOTEC-SKL36-Q Datasheet
135Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
More results

同様の説明 - SKL36BG

メーカー部品番号データシート部品情報
logo
Frontier Electronics.
SK5820-LFR FRONTIER-SK5820-LFR Datasheet
119Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS32 FRONTIER-SS32 Datasheet
124Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
SK32A CITC-SK32A Datasheet
153Kb / 3P
   3A Surface Mount Schottky Barrier Rectifiers
logo
Frontier Electronics.
SK32A FRONTIER-SK32A Datasheet
125Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
SK32C CITC-SK32C Datasheet
153Kb / 3P
   3A Surface Mount Schottky Barrier Rectifiers
SKL32C CITC-SKL32C Datasheet
103Kb / 3P
   3A Surface Mount Schottky Barrier Rectifiers
SKL34ASG CITC-SKL34ASG Datasheet
463Kb / 3P
   3A Surface Mount Schottky Barrier Rectifiers
logo
Frontier Electronics.
SK32-LFR FRONTIER-SK32-LFR Datasheet
125Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS32B FRONTIER-SS32B Datasheet
124Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS32A-LFR FRONTIER-SS32A-LFR Datasheet
126Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
SKL32CG CITC-SKL32CG Datasheet
92Kb / 3P
   3A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com