データシートサーチシステム |
|
A-363SR データシート(PDF) 1 Page - List of Unclassifed Manufacturers |
|
A-363SR データシート(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 1 page C/A-303X, C/A-363X THREE DIGITS DISPLAY Part No. Chip Electro-Optical Characteristics Vf(V)20mA Iv(ucd)10mA Shape Common Cathode Common Anode Raw Material Emitted Color Wave Length λp(nm) Typ. Max. Typ. Fig. No. C-303H A-303H GaP Red 700 2.1 2.8 550 C-303E A-303E GaAsP/GaP Hi.effi Red 635 2.0 2.8 1800 C-303G A-303G GaP Green 565 2.1 2.8 1600 C-303Y A-303Y GaAsP/GaP Yellow 585 2.1 2.8 1500 C-303SR A-303SR GaAlAs Super Red 660 1.8 2.4 5000 D35 C-363H A-363H GaP Red 700 2.1 2.8 550 C-363E A-363E GaAsP/GaP Hi.effi Red 635 2.0 2.8 1800 C-363G A-363G GaP Green 565 2.1 2.8 1600 C-363Y A-363Y GaAsP/GaP Yellow 585 2.1 2.8 1500 C-363SR A-363SR GaAlAs Super Red 660 1.8 2.4 5000 D36 Fig.D35 Fig.D36 1.All dimension are in millimeters (inches). 2.Tolerance is ±0.25 mm (0.01”) unless otherwise specified. |
同様の部品番号 - A-363SR |
|
同様の説明 - A-363SR |