データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDC37C78 データシート(PDF) 7 Page - SMSC Corporation

部品番号 FDC37C78
部品情報  Floppy Disk Controller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SMSC [SMSC Corporation]
ホームページ  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C78 データシート(HTML) 7 Page - SMSC Corporation

Back Button FDC37C78 Datasheet HTML 3Page - SMSC Corporation FDC37C78 Datasheet HTML 4Page - SMSC Corporation FDC37C78 Datasheet HTML 5Page - SMSC Corporation FDC37C78 Datasheet HTML 6Page - SMSC Corporation FDC37C78 Datasheet HTML 7Page - SMSC Corporation FDC37C78 Datasheet HTML 8Page - SMSC Corporation FDC37C78 Datasheet HTML 9Page - SMSC Corporation FDC37C78 Datasheet HTML 10Page - SMSC Corporation FDC37C78 Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
7
DESCRIPTION OF PIN FUNCTIONS
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
38
Reset
RESET
IS
This active high signal resets the chip and
must be valid for 500 ns minimum. The effect
on the internal registers is described in the
appropriate
section.
The
configuration
registers are not affected by this reset.
FLOPPY DISK INTERFACE
21
Read Disk Data
nRDATA
IS
Raw serial bit stream from the disk drive, low
active. Each falling edge represents a flux
transition of the encoded data.
27
Write
Data
nWDATA
OD20
This active low high current driver provides
the encoded data to the disk drive.
Each
falling edge causes a flux transition on the
media.
29
Head
Select
nHDSEL
OD20
This high current output selects the floppy
disk side for reading or writing. A logic "1" on
this pin means side 0 will be accessed, while
a logic "0" means side 1 will be accessed.
33
Direction
Control
nDIR
OD20
This high current low active output determines
the direction of the head movement. A logic
"1" on this pin means outward motion, while a
logic "0" means inward motion.
31
Step Pulse
nSTEP
OD20
This active low high current driver issues a
low pulse for each track-to-track movement of
the head.
20
Disk Change
nDSKCHG
IS
This input senses that the drive door is open
or that the diskette has possibly been
changed since the last drive selection. This
input is inverted and read via bit 7 of I/O
address 3F7H.
22,
23
DRVDEN 0,
DRVDEN 1
DRVDEN0,
DRVDEN1
OD20
Indicates the drive and media selected. Refer
to configuration registers CR03, CR0B,
CR1F.
24
Density Select
DENSEL
OD20
Indicates whether a low (250/300 Kb/s) or
high (500 Kb/s) data rate has been selected.
This is determined by the IDENT bit in
Configuration Register 3.


同様の部品番号 - FDC37C78

メーカー部品番号データシート部品情報
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
347Kb / 82P
   Floppy Disk Controller
logo
Microchip Technology
FDC37C78 MICROCHIP-FDC37C78 Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
   Floppy Disk Controller
More results

同様の説明 - FDC37C78

メーカー部品番号データシート部品情報
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
   Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
   FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
WD76C20 ETC-WD76C20 Datasheet
2Mb / 55P
   FLOPPY DISK CONTROLLER PORTION
logo
SMSC Corporation
USB97CFDC2-01 SMSC-USB97CFDC2-01 Datasheet
167Kb / 24P
   USB Floppy Disk Controller
logo
Hynix Semiconductor
GM82C765B HYNIX-GM82C765B Datasheet
222Kb / 36P
   FLOPPY DISK SUBSYSTEM CONTROLLER
logo
SMSC Corporation
97CFDC SMSC-97CFDC Datasheet
143Kb / 20P
   USB FLOPPY DISK CONTROLLER
logo
NEC
UPD72069 NEC-UPD72069 Datasheet
1Mb / 23P
   UPD72069 Floppy-Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com