データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

I1806P データシート(PDF) 11 Page - Winbond

部品番号 I1806P
部品情報  SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WINBOND [Winbond]
ホームページ  http://www.winbond.com
Logo WINBOND - Winbond

I1806P データシート(HTML) 11 Page - Winbond

Back Button I1806P Datasheet HTML 7Page - Winbond I1806P Datasheet HTML 8Page - Winbond I1806P Datasheet HTML 9Page - Winbond I1806P Datasheet HTML 10Page - Winbond I1806P Datasheet HTML 11Page - Winbond I1806P Datasheet HTML 12Page - Winbond I1806P Datasheet HTML 13Page - Winbond I1806P Datasheet HTML 14Page - Winbond I1806P Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
I1800 SERIES
8. RECLED operation
The RECLED output pin provides an active-LOW signal, which can be used to drive an LED as a
“record-in-progress” indicator. It returns to a HIGH state when the REC pin is released LOW or when
the recording is completed due to the memory being filled. This pin also pulses LOW to indicate the
end of a message has been reached.
9. ROSC operation
The duration of the device can be varied by changing the value of R2 (ROSC). This means the I1800
device can actually be between 6 to 16 seconds duration. See the curve below, which charts typical
durations when the ROSC is varied from 80 KΩ to 160 KΩ.
This feature allows frequency shifting where a recorded voice or sound can be played back faster or
slower than normal for special effects. For example, use a 100 KΩ resistor to make the recording and
then playback with either an 80 KΩ resistor for faster “chipmunk” talk or with a 120 KΩ resistor for a
slower, lower voice.
Another feature is a “Pause” or interrupt function that can be done by taking the ROSC resistor to VCC to
stop playback momentarily, resuming when the resistor is connected back to ground.
Chart 1: ISD Duration Versus ROSC at TA = 25°C and VCC = 3.0V
80
100
120
140
160
Typical R
OSC (K
)
I18
10
I18
06
Publication Release Date: May 2003
- 11 -
Revision 0.0


同様の部品番号 - I1806P

メーカー部品番号データシート部品情報
logo
ILLUMINANT CO., LTD
I1808-6IMN1216A ILLUMINANT-I1808-6IMN1216A Datasheet
724Kb / 13P
   PRODUCT SPECIFICATION FOR TFT LLCM
I1809-6IMN1216A ILLUMINANT-I1809-6IMN1216A Datasheet
376Kb / 13P
   PRODUCT SPECIFICATION FOR TFT LCM
More results

同様の説明 - I1806P

メーカー部品番号データシート部品情報
logo
Nuvoton Technology Corp...
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
Nuvoton Technology Corp...
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
Winbond
ISD1916 WINBOND-ISD1916 Datasheet
407Kb / 25P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 10.6- TO 32-SECONDS DURATION
ISD14B20 WINBOND-ISD14B20 Datasheet
537Kb / 24P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 10.6- TO 32-SECONDS DURATION
logo
Nuvoton Technology Corp...
ISD18A04 NUVOTON-ISD18A04 Datasheet
247Kb / 22P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 2 14- TO 8-SECONDS DURATION
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD1900 NUVOTON-ISD1900 Datasheet
954Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
List of Unclassifed Man...
ISD1964SYI ETC2-ISD1964SYI Datasheet
499Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com