データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

I1810P データシート(PDF) 9 Page - Winbond

部品番号 I1810P
部品情報  SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WINBOND [Winbond]
ホームページ  http://www.winbond.com
Logo WINBOND - Winbond

I1810P データシート(HTML) 9 Page - Winbond

Back Button I1810P Datasheet HTML 5Page - Winbond I1810P Datasheet HTML 6Page - Winbond I1810P Datasheet HTML 7Page - Winbond I1810P Datasheet HTML 8Page - Winbond I1810P Datasheet HTML 9Page - Winbond I1810P Datasheet HTML 10Page - Winbond I1810P Datasheet HTML 11Page - Winbond I1810P Datasheet HTML 12Page - Winbond I1810P Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
I1800 SERIES
7. FUNCTIONAL DESCRIPTION
7.1. DETAILED DESCRIPTION
Speech/Sound Quality
Winbond’s patented ChipCorder® technology provides natural record and playback. The input voice
signals are stored directly in nonvolatile cells and are reproduced without the synthetic effect often
heard with digital solid-state speech solutions. A complete sample is stored in a single cell, minimizing
the memory necessary to store a single message.
Duration
The I1800 devices offer single-chip solutions with 6 to 16 seconds of record/playback duration
capacity. Sampling rate and duration are determined by an external resistor connected to the ROSC
pin. These specifications apply with the required resistor value for playback duration.
Sample Rate
Duration
8 KHz
6.4 KHz
5.3 KHz
4 HKz
I1806
6 secs
7.5 secs
9 secs
12 secs
I1810
8 secs
10 secs
12 secs
16 secs
ROSC
80 KΩ
100 KΩ
120 KΩ
160 KΩ
Non-Volatile Storage
The I1800 product utilizes the on-chip Flash memory providing zero-power message storage. The
message is retained for up to 100 years without power. In addition, the device can be re-recorded
typically over 10,000 times.
Basic Operation
The I1800 ChipCorder® device is controlled by the REC pin, and either of two playback pins, PLAYE
(edge-activated playback), and PLAYL (level-activated playback). The I1800 parts are configured for
design simplicity in a single-message application. Device operation is explained in section 7.2,
“Functional Description Example”.
Automatic Power-Down Mode
At the end of a playback or record cycle, the I1800 device automatically returns to a low-power
standby mode, consuming typically 0.5µA, provided that Play REC, XCLK, and FT pins are LOW (see
DC parameters, section 10). During a playback cycle, the device powers down automatically at the
end of the message. During a record cycle, the device powers down immediately after REC is
released LOW.
Publication Release Date: May 2003
- 9 -
Revision 0.0


同様の部品番号 - I1810P

メーカー部品番号データシート部品情報
logo
Alliance Semiconductor ...
I1817A-08SR ALSC-I1817A-08SR Datasheet
302Kb / 10P
   Low-Power Mobile VGA EMI Reduction IC
logo
PulseCore Semiconductor
I1817A-08TT PULSECORE-I1817A-08TT Datasheet
382Kb / 10P
   Low-Power Mobile VGA EMI Reduction IC
I1817AF-08TR PULSECORE-I1817AF-08TR Datasheet
382Kb / 10P
   Low-Power Mobile VGA EMI Reduction IC
logo
Alliance Semiconductor ...
I1817BF-08TR ALSC-I1817BF-08TR Datasheet
302Kb / 10P
   Low-Power Mobile VGA EMI Reduction IC
I1818A-08SR ALSC-I1818A-08SR Datasheet
60Kb / 8P
   Low Power Mobile VGA EMI Reduction IC
More results

同様の説明 - I1810P

メーカー部品番号データシート部品情報
logo
Nuvoton Technology Corp...
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
Nuvoton Technology Corp...
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
Winbond
ISD1916 WINBOND-ISD1916 Datasheet
407Kb / 25P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 10.6- TO 32-SECONDS DURATION
ISD14B20 WINBOND-ISD14B20 Datasheet
537Kb / 24P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 10.6- TO 32-SECONDS DURATION
logo
Nuvoton Technology Corp...
ISD18A04 NUVOTON-ISD18A04 Datasheet
247Kb / 22P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 2 14- TO 8-SECONDS DURATION
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD1900 NUVOTON-ISD1900 Datasheet
954Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
List of Unclassifed Man...
ISD1964SYI ETC2-ISD1964SYI Datasheet
499Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com