データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM3015DX データシート(PDF) 5 Page - SamHop Microelectronics Corp.

部品番号 SM3015DX
部品情報  REMOTE FAN MCU
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMHOP [SamHop Microelectronics Corp.]
ホームページ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM3015DX データシート(HTML) 5 Page - SamHop Microelectronics Corp.

  SM3015DX Datasheet HTML 1Page - SamHop Microelectronics Corp. SM3015DX Datasheet HTML 2Page - SamHop Microelectronics Corp. SM3015DX Datasheet HTML 3Page - SamHop Microelectronics Corp. SM3015DX Datasheet HTML 4Page - SamHop Microelectronics Corp. SM3015DX Datasheet HTML 5Page - SamHop Microelectronics Corp. SM3015DX Datasheet HTML 6Page - SamHop Microelectronics Corp. SM3015DX Datasheet HTML 7Page - SamHop Microelectronics Corp. SM3015DX Datasheet HTML 8Page - SamHop Microelectronics Corp. SM3015DX Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
FUNCTION DESCRIPTION
SM3015 has two control types : panel keypad and infrared remote control.
There are four to eight control signal operations :
* Start-up by SPEED key
a. function turn off (OFF key)
b. wind mode select (MODE key)
c. start-up function and wind speed select (SPEED key)
d. timer setting (TIMER key)
e. swing head or tuner for swing angle (SW1 and SW2 key)
f. lighting control (LIGHT key)
* Start-up by ON/OFF key
a. function control (ON/OFF key)
b. wind mode select (MODE key)
c. wind speed select (SPEED key)
d. timer setting (TIMER key)
e. swing head or tuner for swing angle (SW1 and SW2 key)
f. lighting control (LIGHT key)
All functions can be planned by user like an MCU for more product application.
Only SPEED or ON/OFF key can enable the fan controller, except for the light control. Wind mode,
timer and swing head inputs can not be accepted when fan is not activated. The fan controller will be
turned off by timer and OFF (ON/OFF) key inputs.
When more than one key are pressed, controller will not accept the multi-key's control signal, if the
panel keys are pressed more than six seconds, controller will generate a " BI-BI-BI-BI" warning sound.
When fan is enabled by SPEED or ON/OFF key, the initial state of fan controller is as follows:
* Memory function available
If Fan controller is OFF on sleep mode, all memory functions will be returned to the LAST TURN
ON STATE.
a.Grade as last state but with starting medium wind for three seconds (MASK option)
b. The wind mode as last state except sleep mode
c. Swing function as last state
d. Timer setting off
e. Light is independent
* Non-memory function (Bonding option)
a. Grade is low wind function but with starting medium wind for three seconds (MASK option)
b. Normal wind mode operation
c. Timer setting and swing head off
d. Light is independent
Page 5
V.2.0 Mar 8, 2002
SM3015
SAMHOP Microelectronics Corp.
三合微科股份有限公司
REMOTE FAN MCU


同様の部品番号 - SM3015DX

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
SM30100D SECOS-SM30100D Datasheet
300Kb / 2P
   30A Schottky Barrier Rectifiers
SM30100D SECOS-SM30100D_15 Datasheet
251Kb / 2P
   30A Schottky Barrier Rectifiers
logo
Sinopower Semiconductor...
SM3016NSU SINOPWER-SM3016NSU Datasheet
179Kb / 12P
   N-Channel Enhancement Mode MOSFET
SM3016NSUC-TRG SINOPWER-SM3016NSUC-TRG Datasheet
179Kb / 12P
   N-Channel Enhancement Mode MOSFET
SM3017NSU SINOPWER-SM3017NSU Datasheet
276Kb / 12P
   N-Channel Enhancement Mode MOSFET
More results

同様の説明 - SM3015DX

メーカー部品番号データシート部品情報
logo
Silicon Storage Technol...
SST65P542R SST-SST65P542R Datasheet
538Kb / 40P
   Remote Controller MCU
SST65P542R SST-SST65P542R_05 Datasheet
475Kb / 41P
   Remote Controller MCU
logo
Princeton Technology Co...
PT2275 PTC-PT2275 Datasheet
228Kb / 4P
   Fan Remote Control
logo
MOSDESIGN SEMICONDUCTOR...
M75104 MOSDESIGN-M75104 Datasheet
151Kb / 2P
   REMOTE FAN CONTROL
2003-07-21
logo
Silan Microelectronics ...
SC5104 SILAN-SC5104 Datasheet
528Kb / 7P
   FAN REMOTE CONTROL ENCODER
SC2128A SILAN-SC2128A Datasheet
221Kb / 15P
   REMOTE FAN CONTROL IC
logo
Unisonic Technologies
RBA8206 UTC-RBA8206_15 Datasheet
171Kb / 7P
   REMOTE FAN CONTROL IC
logo
Silan Microelectronics ...
SC8206 SILAN-SC8206 Datasheet
342Kb / 8P
   REMOTE FAN CONTROL IC
SC2128C SILAN-SC2128C Datasheet
523Kb / 13P
   REMOTE FAN CONTROL IC
logo
Unisonic Technologies
RBA5104 UTC-RBA5104 Datasheet
151Kb / 4P
   FAN REMOTE CONTROL ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com