データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VTB18-4N1240V データシート(PDF) 5 Page - SICK AG

部品番号 VTB18-4N1240V
部品情報  PHOTOELECTRIC SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SICK [SICK AG]
ホームページ  http://www.sick.com/
Logo SICK - SICK AG

VTB18-4N1240V データシート(HTML) 5 Page - SICK AG

  VTB18-4N1240V Datasheet HTML 1Page - SICK AG VTB18-4N1240V Datasheet HTML 2Page - SICK AG VTB18-4N1240V Datasheet HTML 3Page - SICK AG VTB18-4N1240V Datasheet HTML 4Page - SICK AG VTB18-4N1240V Datasheet HTML 5Page - SICK AG VTB18-4N1240V Datasheet HTML 6Page - SICK AG VTB18-4N1240V Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VTB18-4N1240V | V18V
PHOTOELECTRIC SENSORS
Characteristic curve
VTB18V
35
30
25
20
15
10
5
0
90%/6%
90%/18%
90%/90%
mm
(inch)
20
(0.79)
40
(1.57)
60
(2.36)
80
(3.15)
100
(3.94)
120
(4.72)
140
(5.51)
Distance in mm (inch)
1
2
3
①  Sensing range on black, 6% remission
②  Sensing range on gray, 18 % remission
③  Sensing range on white, 90% remission
Dimensional drawing (Dimensions in mm (inch))
VTB18V
3.3
(.13)
3.3
(.13)
2.2 (.09)
6
1
5
2
3
4
56 (2.2)
83 (3.27)
50 (1.97)
19
(.75)
①  M12 male device connector, 4-pin
②  Sensing range adjustment: Touch-Teach-In
③  Status indicator LED, green: signalizing Touch-Teach-in
④  LED indicator yellow: Status of received light beam
⑤  Fastening nuts (2 x); width across 24, stainless steel
⑥  Standard direction of the material being detected
2017-11-09 17:58:45 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
5


同様の部品番号 - VTB18-4N1240V

メーカー部品番号データシート部品情報
logo
SICK AG
VTB18-4P1240V SICK-VTB18-4P1240V Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSORS
VTB18-4P1240VS01 SICK-VTB18-4P1240VS01 Datasheet
1Mb / 8P
   PHOTOELECTRIC SENSORS
More results

同様の説明 - VTB18-4N1240V

メーカー部品番号データシート部品情報
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com