データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ASMDC125F-33 データシート(PDF) 1 Page - Littelfuse

部品番号 ASMDC125F-33
部品情報  PolySwitch PTC Devices
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

ASMDC125F-33 データシート(HTML) 1 Page - Littelfuse

  ASMDC125F-33 Datasheet HTML 1Page - Littelfuse ASMDC125F-33 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PolySwitch®
PTC Devices
Overcurrent Protection Device
PRODUCT: ASMDC125F/33
DOCUMENT: SCD29099
REV LETTER: A
REV DATE: SEPTEMBER 26, 2016
PAGE NO.: 1 OF 2
© 2016 Littelfuse,Inc
Littelfuse.com
Specifications are subject to change without notice.
Revised September 26, 2016
Specification Status: Released
Maximum Electrical Rating
Voltage: 33VDC
Short Circuit Current: 40A
Notes:
1. All terminations are tin plated.
2. Drawing not to scale
Marking:
TABLE I. DIMENSIONS:
A
B
C
D
E
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
mm:
7.30
7.70
0.45
0.71
4.90
5.30
0.25
0.95
0.20
in:
(0.29)
(0.30)
(0.02)
(0.03)
(0.19)
(0.21)
(0.01)
(0.04)
(0.01)
TABLE II. PERFORMANCE RATINGS:
CURRENT RATINGS**
TIME TO
TRIP**
RESISTANCE
VALUES
TRIPPED-STATE
POWER
DISSIPATION**
AMPERES
AT 0°C
AMPERES
AT 25°C
AMPERES
AT 60°C
SECONDS
AT 25°C, 8.0A
OHMS
AT 25°C
WATTS AT
25°C, 33V
HOLD TRIP HOLD TRIP HOLD TRIP
MAX
MIN
MAX*
MAX
1.55
3.10
1.25
2.50
0.84
1.68
2.0
0.04
0.25
1.5
* Maximum resistance is measured 1 hour after reflow.
** Values Specified were determined using PCB’s with 0.150”X1.5 ounce copper traces.
Reference Documents:
PS300, PS400
Precedence:
This specification takes precedence over documents referenced herein.
Effectivity:
Reference documents shall be the issue in effect on the date of invitation for bid.
CAUTION:
Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.
Materials Information
ROHS Compliant
ELV Compliant
Pb-Free
Halogen Free*
* Halogen Free refers to: Br≤900ppm, Cl≤900ppm, Br+Cl≤1500ppm.
HF


同様の部品番号 - ASMDC125F-33

メーカー部品番号データシート部品情報
logo
Tyco Electronics
ASMDC125F16 MACOM-ASMDC125F16 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
More results

同様の説明 - ASMDC125F-33

メーカー部品番号データシート部品情報
logo
Littelfuse
RXEF135 LITTELFUSE-RXEF135 Datasheet
344Kb / 2P
   PolySwitch PTC Devices
RXEF030 LITTELFUSE-RXEF030 Datasheet
348Kb / 2P
   PolySwitch PTC Devices
RXEF050 LITTELFUSE-RXEF050 Datasheet
345Kb / 2P
   PolySwitch PTC Devices
SMDH120 LITTELFUSE-SMDH120 Datasheet
97Kb / 2P
   PolySwitch PTC Devices
SRP350F LITTELFUSE-SRP350F Datasheet
164Kb / 2P
   PolySwitch PTC Devices
LVR016S LITTELFUSE-LVR016S Datasheet
362Kb / 3P
   PolySwitch PTC Devices
LVR055S LITTELFUSE-LVR055S Datasheet
367Kb / 3P
   PolySwitch PTC Devices
NANOASMDC035F LITTELFUSE-NANOASMDC035F Datasheet
342Kb / 2P
   PolySwitch PTC Devices
LVB125 LITTELFUSE-LVB125 Datasheet
362Kb / 3P
   PolySwitch PTC Devices
MICROSMD250LR-A-2 LITTELFUSE-MICROSMD250LR-A-2 Datasheet
302Kb / 3P
   PolySwitch PTC Devices
MINIASMDC110F-16 LITTELFUSE-MINIASMDC110F-16 Datasheet
96Kb / 2P
   PolySwitch PTC Devices
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com