データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SP720 データシート(PDF) 5 Page - Littelfuse

部品番号 SP720
部品情報  TVS Diode Arrays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP720 データシート(HTML) 5 Page - Littelfuse

  SP720 Datasheet HTML 1Page - Littelfuse SP720 Datasheet HTML 2Page - Littelfuse SP720 Datasheet HTML 3Page - Littelfuse SP720 Datasheet HTML 4Page - Littelfuse SP720 Datasheet HTML 5Page - Littelfuse SP720 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TVS Diode Arrays
237
www .littelfuse .com
5
Electronic Protection Array for ESD and Overvoltage Protection
SP720
Dual-In-Line Plastic Packages (PDIP)
NOTES:
1. Controlling Dimensions: INCH. In case of conflict between English and
Metric dimensions, the inch dimensions control.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of
Publication No. 95.
4. Dimensions A, A1 and L are measured with the package seated in JE-
DEC seating plane gauge GS-3.
5. D, D1, and E1 dimensions do not include mold flash or protrusions.
Mold flash or protrusions shall not exceed 0.010 inch (0.25mm).
6. E and
are measured with the leads constrained to be perpendic-
ular to datum
.
7. eB and eC are measured at the lead tips with the leads unconstrained.
eC must be zero or greater.
8. B1 maximum dimensions do not include dambar protrusions. Dambar
protrusions shall not exceed 0.010 inch (0.25mm).
9. N is the maximum number of terminal positions.
10. Corner leads (1, N, N/2 and N/2 + 1) for E8.3, E16.3, E18.3, E28.3,
E42.6 will have a B1 dimension of 0.030 - 0.045 inch (0.76 - 1.14mm).
eA
-C-
C
L
E
eA
C
eB
eC
-B-
E1
INDEX
1 2 3
N/2
N
AREA
SEATING
BASE
PLANE
PLANE
-C-
D1
B1
B
e
D
D1
A
A2
L
A1
-A-
0.010 (0.25)
C A
M
BS
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
-
0.210
-
5.33
4
A1
0.015
-
0.39
-
4
A2
0.115
0.195
2.93
4.95
-
B
0.014
0.022
0.356
0.558
-
B1
0.045
0.070
1.15
1.77
8, 10
C
0.008
0.014
0.204
0.355
-
D
0.735
0.775
18.66
19.68
5
D1
0.005
-
0.13
-
5
E
0.300
0.325
7.62
8.25
6
E1
0.240
0.280
6.10
7.11
5
e
0.100 BSC
2.54 BSC
-
eA
0.300 BSC
7.62 BSC
6
eB
-
0.430
-
10.92
7
L
0.115
0.150
2.93
3.81
4
N16
9
16
E16.3 (JEDEC MS-001 BB ISSUE D)
16 LEAD DUAL-IN-LINE PLASTIC PACKAGE


同様の部品番号 - SP720

メーカー部品番号データシート部品情報
logo
Harris Corporation
SP720 HARRIS-SP720 Datasheet
206Kb / 6P
   Electronic Protection Array for ESD and Over-Voltage Protection
logo
DB Unlimited.
SP720308-1 DBUNLIMITED-SP720308-1 Datasheet
562Kb / 1P
   Released from Engineering
logo
Harris Corporation
SP720AB HARRIS-SP720AB Datasheet
206Kb / 6P
   Electronic Protection Array for ESD and Over-Voltage Protection
logo
Littelfuse
SP720AB LITTELFUSE-SP720AB Datasheet
102Kb / 6P
   TVS Diode Arrays - Elctronic Protection Array for ESD and Overvoltage Protection
SP720ABG LITTELFUSE-SP720ABG Datasheet
405Kb / 6P
   SP720 Series 3pF 4kV Rail Clamp Array
More results

同様の説明 - SP720

メーカー部品番号データシート部品情報
logo
Littelfuse
SP723 LITTELFUSE-SP723 Datasheet
260Kb / 6P
   TVS Diode Arrays
SP724 LITTELFUSE-SP724 Datasheet
160Kb / 6P
   TVS Diode Arrays
SP5001 LITTELFUSE-SP5001 Datasheet
639Kb / 5P
   TVS Diode Arrays
SP0504S LITTELFUSE-SP0504S Datasheet
1Mb / 4P
   TVS Diode Arrays
SP0524P LITTELFUSE-SP0524P Datasheet
1Mb / 4P
   TVS Diode Arrays
logo
Bourns Electronic Solut...
CDSOT236-T05C BOURNS-CDSOT236-T05C_12 Datasheet
296Kb / 4P
   TVS Diode Arrays
logo
Littelfuse
SP3050 LITTELFUSE-SP3050_11 Datasheet
273Kb / 4P
   TVS Diode Arrays
logo
Bourns Electronic Solut...
CDNBS08-SMDA05-6 BOURNS-CDNBS08-SMDA05-6 Datasheet
289Kb / 4P
   Capacitance TVS Diode Arrays
logo
Littelfuse
SP406017 LITTELFUSE-SP406017 Datasheet
940Kb / 4P
   TVS Diode Arrays (SPA짰 Diodes)
SP0502BAHT LITTELFUSE-SP0502BAHT Datasheet
125Kb / 8P
   TVS Diode Arrays - Surface Mount TVS Avalanche Diode Array
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com