データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7142 データシート(PDF) 1 Page - Analog Devices

部品番号 AD7142
部品情報  Programmable Controller for Capacitance Touch Sensors
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7142 データシート(HTML) 1 Page - Analog Devices

  AD7142_17 Datasheet HTML 1Page - Analog Devices AD7142_17 Datasheet HTML 2Page - Analog Devices AD7142_17 Datasheet HTML 3Page - Analog Devices AD7142_17 Datasheet HTML 4Page - Analog Devices AD7142_17 Datasheet HTML 5Page - Analog Devices AD7142_17 Datasheet HTML 6Page - Analog Devices AD7142_17 Datasheet HTML 7Page - Analog Devices AD7142_17 Datasheet HTML 8Page - Analog Devices AD7142_17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
Programmable Controller for
Capacitance Touch Sensors
Data Sheet
AD7142
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2006–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Programmable capacitance-to-digital converter
36 ms update rate (at maximum sequence length)
Better than 1 fF resolution
14 capacitance sensor input channels
No external RC tuning components required
Automatic conversion sequencer
On-chip automatic calibration logic
Automatic compensation for environmental changes
Automatic adaptive threshold and sensitivity levels
On-chip RAM to store calibration data
SPI-compatible serial interface (AD7142)
I2C-compatible serial interface (AD7142-1)
Separate VDRIVE level for serial interface
Interrupt output and GPIO
32-lead, 5 mm x 5 mm LFCSP
2.6 V to 3.6 V supply voltage
Low operating current
Full power mode: less than 1 mA
Low power mode: 50 µA
APPLICATIONS
Personal music and multimedia players
Cell phones
Digital still cameras
Smart hand-held devices
Television, A/V, and remote controls
Gaming consoles
FUNCTIONAL BLOCK DIAGRAM
TEST
VREF+
VREF–
SDO/
SDA
SDI/
ADD0
SCLK CS/
ADD1
INT
CSHIELD
SRC
SRC
VDRIVE
16-BIT
Σ-Δ
CDC
CALIBRATION
ENGINE
CONTROL
AND
DATA
REGISTERS
CALIBRATION
RAM
250kHz
EXCITATION
SOURCE
SERIAL INTERFACE
AND CONTROL LOGIC
INTERRUPT
AND GPIO
LOGIC
POWER-ON
RESET
LOGIC
AVCC
AGND
DGND1
DGND2
DVCC
GPIO
19
18
17
14
13
27
28
29
CIN0 30
CIN1 31
CIN2 32
CIN3 1
CIN4 2
CIN5 3
CIN6 4
CIN7 5
CIN8 6
CIN9 7
CIN10 8
CIN11 9
CIN12 10
CIN13 11
12
15
16
20
21
22
23
24
25
26
Figure 1.
GENERAL DESCRIPTION
The AD7142 and AD7142-1 are integrated capacitance-to-
digital converters (CDCs) with on-chip environmental
calibration for use in systems requiring a novel user input
method. The AD7142 and AD7142-1 can interface to external
capacitance sensors implementing functions such as capacitive
buttons, scroll bars, or wheels.
The CDC has 14 inputs channeled through a switch matrix to a
16-bit, 250 kHz sigma-delta (∑-∆) capacitance-to-digital
converter. The CDC is capable of sensing changes in the
capacitance of the external sensors and uses this information to
register a sensor activation. The external sensors can be
arranged as a series of buttons, as a scroll bar or wheel, or as a
combination of sensor types. By programming the registers, the
user has full control over the CDC setup. High resolution
sensors require minor software to run on the host processor.
The AD7142 and AD7142-1 have on-chip calibration logic to
account for changes in the ambient environment. The
calibration sequence is performed automatically and at
continuous intervals, when the sensors are not touched. This
ensures that there are no false or nonregistering touches on the
external sensors due to a changing environment.
The AD7142 has an SPI-compatible serial interface, and the
AD7142-1 has an I2C-compatible serial interface. Both parts
have an interrupt output, as well as a general-purpose input/
output (GPIO).
The AD7142 and AD7142-1 are available in a 32-lead, 5 mm ×
5 mm LFCSP and operate from a 2.6 V to 3.6 V supply. The
operating current consumption is less than 1 mA, falling to
50 µA in low power mode (conversion interval of 400 ms).


同様の部品番号 - AD7142_17

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7142 AD-AD7142_15 Datasheet
958Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
More results

同様の説明 - AD7142_17

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7142 AD-AD7142_15 Datasheet
958Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7143 AD-AD7143 Datasheet
1,006Kb / 56P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7143 AD-AD7143_17 Datasheet
589Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
AD7143 AD-AD7143_15 Datasheet
784Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7142ACPZ-500RL7 AD-AD7142ACPZ-500RL7 Datasheet
844Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7148 AD-AD7148 Datasheet
1Mb / 56P
   Programmable Touch Controller for Single Electrode Capacitance Sensors
REV. 0
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
   CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
AD7147 AD-AD7147 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
logo
ON Semiconductor
LC717A30UR ONSEMI-LC717A30UR Datasheet
241Kb / 14P
   Capacitance?륞igital?륝onverter LSI for Electrostatic Capacitive Touch Sensors
November, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com