データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7156 データシート(PDF) 27 Page - Analog Devices

部品番号 AD7156
部品情報  2-Channel Capacitance Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7156 データシート(HTML) 27 Page - Analog Devices

Back Button AD7156_17 Datasheet HTML 21Page - Analog Devices AD7156_17 Datasheet HTML 22Page - Analog Devices AD7156_17 Datasheet HTML 23Page - Analog Devices AD7156_17 Datasheet HTML 24Page - Analog Devices AD7156_17 Datasheet HTML 25Page - Analog Devices AD7156_17 Datasheet HTML 26Page - Analog Devices AD7156_17 Datasheet HTML 27Page - Analog Devices AD7156_17 Datasheet HTML 28Page - Analog Devices AD7156_17 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
AD7156
Rev. 0 | Page 26 of 28
APPLICATION EXAMPLES
CIN1
CSENS1
CSENS2
EXC1
CIN2
EXC2
SCL
VDD
GND
AD7156
SDA
OUT1
OUT2
3V
BATTERY
LED1
LED2
1kΩ
1kΩ
1kΩ
0.1µF
1kΩ
Figure 49. AD7156 Standalone Operation Application Diagram
CIN1
CSENS1
CSENS2
EXC1
CIN2
EXC2
SCL
VDD
GND
AD7156
HOST
MICROCONTROLLER
SDA
OUT1
OUT2
SCL
SDA
IRQ1
IRQ2
3.3V
1kΩ
0.1µF
1kΩ
Figure 50. AD7156 Interfaced to a Host Microcontroller
SCL
VDD
GND
AD7156
SDA
3.3V
VSUPPLY
1kΩ
1kΩ
1kΩ
0.1µF
10µF
1µF
1µF
CIN1
CSENS1
CSENS2
EXC1
CIN2
EXC2
68pF
39kΩ
22pF
82kΩ
47pF
10kΩ
68pF
39kΩ
22pF
82kΩ
47pF
10kΩ
ADP1720-3.3
OUT1
Q1
R1
OUT1
OUT2
Q2
OUT2
R2
Figure 51. AD7156 Standalone Operation with EMC Protection


同様の部品番号 - AD7156_17

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7156BCPZ-REEL AD-AD7156BCPZ-REEL Datasheet
533Kb / 28P
   Ultralow Power, 1.8 V, 3 mm 횞 3 mm, 2-Channel Capacitance Converter
REV. 0
AD7156BCPZ-REEL7 AD-AD7156BCPZ-REEL7 Datasheet
533Kb / 28P
   Ultralow Power, 1.8 V, 3 mm 횞 3 mm, 2-Channel Capacitance Converter
REV. 0
More results

同様の説明 - AD7156_17

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7150 AD-AD7150_15 Datasheet
986Kb / 28P
   Ultra-Low Power, 2-Channel, Capacitance Converter for Proximity Sensing
REV. 0
AD7150 AD-AD7150 Datasheet
986Kb / 28P
   Ultra-Low Power, 2-Channel, Capacitance Converter for Proximity Sensing
REV. 0
logo
Texas Instruments
FDC1004 TI1-FDC1004 Datasheet
1Mb / 33P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
FDC1004Q TI1-FDC1004Q Datasheet
1Mb / 29P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
logo
ON Semiconductor
LC717A10AJ ONSEMI-LC717A10AJ_17 Datasheet
145Kb / 13P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 2
logo
Analog Devices
AD7156 AD-AD7156 Datasheet
533Kb / 28P
   Ultralow Power, 1.8 V, 3 mm 횞 3 mm, 2-Channel Capacitance Converter
REV. 0
logo
ON Semiconductor
LC717A10AR ONSEMI-LC717A10AR_17 Datasheet
139Kb / 13P
   Capacitance-Digital-Converter
October, 2017 ??Rev. 1
LC717A10PJ ONSEMI-LC717A10PJ_17 Datasheet
154Kb / 14P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 0
logo
Linear Technology
LTC4305 LINER-LTC4305_15 Datasheet
256Kb / 20P
   2-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
LTC4305 LINER-LTC4305 Datasheet
250Kb / 20P
   2-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com