データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7873 データシート(PDF) 15 Page - Analog Devices

部品番号 AD7873
部品情報  Touch Screen Digitizer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7873 データシート(HTML) 15 Page - Analog Devices

Back Button AD7873_17 Datasheet HTML 11Page - Analog Devices AD7873_17 Datasheet HTML 12Page - Analog Devices AD7873_17 Datasheet HTML 13Page - Analog Devices AD7873_17 Datasheet HTML 14Page - Analog Devices AD7873_17 Datasheet HTML 15Page - Analog Devices AD7873_17 Datasheet HTML 16Page - Analog Devices AD7873_17 Datasheet HTML 17Page - Analog Devices AD7873_17 Datasheet HTML 18Page - Analog Devices AD7873_17 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
AD7873
Data Sheet
Rev. F | Page 14 of 28
ANALOG INPUT
Figure 26 shows an equivalent circuit of the analog input
structure of the AD7873 that contains a block diagram of the
input multiplexer, the differential input of the ADC, and the
differential reference.
Table 6 shows the multiplexer address corresponding to each
analog input, both for the SER/DFR bit in the control register
set high and low. The control bits are provided serially to the
device via the DIN pin. For more information on the control
register, see the Control Register section.
When the converter enters hold mode, the voltage difference
between the +IN and –IN inputs (see Figure 26) is captured on
the internal capacitor array. The input current on the analog
inputs depends on the conversion rate of the device. During the
sample period, the source must charge the internal sampling
capacitor (typically 37 pF). Once the capacitor is fully charged,
there is no further input current. The rate of charge transfer
from the analog source to the converter is a function of
conversion rate.
Figure 26. Equivalent Analog Input Circuit
Table 6. Analog Input, Reference, and Touch Screen Control
A2
A1
A0
SER/ DFR
Analog Input
X Switches
Y Switches
+REF1
–REF1
0
0
0
1
TEMP0
Off
Off
VREF
GND
0
0
1
1
X+
Off
On
VREF
GND
0
1
0
1
VBAT
Off
Off
VREF
GND
0
1
1
1
X+ (Z1)
X+ Off
Y+ On
VREF
GND
X– On
Y– Off
1
0
0
1
Y– (Z2)
X+ Off
Y+ On
VREF
GND
X– On
Y– Off
1
0
1
1
Y+
On
Off
VREF
GND
1
1
0
1
AUX
Off
Off
VREF
GND
1
1
1
1
TEMP1
Off
Off
VREF
GND
0
0
0
0
Invalid Address. Test Mode: Switches out the TEMP0 diode to the PENIRQ pin.
0
0
1
0
X+
Off
On
Y+
Y–
0
1
0
0
Invalid Address
0
1
1
0
X+ (Z1)
X+ Off
Y+ On
Y+
X–
X– On
Y– Off
1
0
0
0
Y– (Z2)
X+ Off
Y+ On
Y+
X–
X– On
Y– Off
1
0
1
0
Y+
ON
Off
X+
X–
1
1
0
0
Outputs Identity Code, 1000 0000 0000.
1
1
1
0
Invalid address. Test mode: Switches out the TEMP1 diode to the PENIRQ pin.
1
Internal node, not directly accessible by the user.
X+ Y+
REF
INT/
EXT
X– Y– GND
6-TO-1
MUX
3-TO-1
MUX
3-TO-1
MUX
IN+
IN+
IN– REF–
REF+
ADC CORE
DATA OUT
VCC
Y–
Y+
X+
X–
ON-CHIP SWITCHES
X+
Y+
Y–
VBAT
AUX
TEMP


同様の部品番号 - AD7873_17

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7873 AD-AD7873_15 Datasheet
657Kb / 29P
   Touch Screen Digitizer
Rev. F
More results

同様の説明 - AD7873_17

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7873 AD-AD7873_15 Datasheet
657Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7873ACP-REEL7 AD-AD7873ACP-REEL7 Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
AD7873 AD-AD7873 Datasheet
657Kb / 28P
   Touch Screen Digitizer
Rev. D
AD7843 AD-AD7843 Datasheet
194Kb / 16P
   Touch Screen Digitizer
REV. 0
AD7873ARQZ AD-AD7873ARQZ Datasheet
600Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7843 AD-AD7843_17 Datasheet
304Kb / 21P
   Touch Screen Digitizer
AD7843 AD-AD7843_15 Datasheet
480Kb / 21P
   Touch Screen Digitizer
REV. B
AD7843ARUZ AD-AD7843ARUZ Datasheet
440Kb / 21P
   Touch Screen Digitizer
REV. B
logo
Semtech Corporation
UR7HCTS2-U860 SEMTECH-UR7HCTS2-U860 Datasheet
107Kb / 12P
   High-Performance USB Touch Screen Controller / Digitizer
UR7HCTS2-S840 SEMTECH-UR7HCTS2-S840 Datasheet
157Kb / 16P
   High-Performance, Low Power Touch Screen Controller/Digitizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com