データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7877 データシート(PDF) 28 Page - Analog Devices

部品番号 AD7877
部品情報  Touch Screen Controller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7877 データシート(HTML) 28 Page - Analog Devices

Back Button AD7877_17 Datasheet HTML 24Page - Analog Devices AD7877_17 Datasheet HTML 25Page - Analog Devices AD7877_17 Datasheet HTML 26Page - Analog Devices AD7877_17 Datasheet HTML 27Page - Analog Devices AD7877_17 Datasheet HTML 28Page - Analog Devices AD7877_17 Datasheet HTML 29Page - Analog Devices AD7877_17 Datasheet HTML 30Page - Analog Devices AD7877_17 Datasheet HTML 31Page - Analog Devices AD7877_17 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
Data Sheet
AD7877
When the DAC output voltage is zero, it sinks the maximum
current through R1. The feedback current and, therefore, VOUT
are at their maximum. As the DAC output voltage increases, the
sink current and, thus, the feedback current decrease, and VOUT
falls. If the DAC output exceeds VREF, it starts to source current,
and VOUT has to further decrease to compensate. When the
DAC output is at full scale, VOUT is at its minimum.
Note that the effect of the DAC on VOUT is opposite in voltage
mode to that in current mode. In current mode, increasing
DAC code increases the sink current, so VOUT increases with
increasing DAC code. In voltage mode, increasing DAC code
increases the DAC output voltage, reducing the sink current.
Calculate the resistor values as follows:
1. Decide on the feedback current as before.
2. Calculate the parallel combination of R1 and R3 when the
DAC output is zero
RP = VREF/IFB
3. Calculate R2 as before, but use RP and VOUT(MAX)
R2 = RP(VOUT(MAX) − VREF)/VREF
4. Calculate the change in feedback current between
minimum and maximum output voltages as before using
∆I = VR2(MAX)/R2 − VR2(MIN)/R2
This is equal to the change in current through R1 between
zero output and full scale, which is also given by
∆I = current at zero − current at full scale
= V/R1 − (VREF − V)/R1
= V/R1
5. R1 = VFS/∆.
6. Calculate R3 from R1 and R using
R3 = (R1 × RP)/(R1 − RP)
Example:
1. VCC = 5 V and VFS = VCC. VOUT(MIN) is 20 V and VOUT(MAX) is
25 V. VREF is 1.25 V. Allow 100 µA around the feedback loop.
2. RP = 1.25 V/100 µA = 12.5 kΩ.
3. R2 = 12.5 kΩ × (25 Ω − 1.25 Ω)/1.25 Ω = 237 kΩ.
Use the nearest preferred value of 240 kΩ.
4. ∆I = 25 V/240 kΩ − 20 V/240 kΩ = 21 µA.
5. R1 = 5 V/21 µA = 238 kΩ.
Use the nearest preferred value of 250 kΩ.
6. R3 = (180 kΩ × 12.5 kΩ)/(180 kΩ − 12.5 kΩ) = 13.4 kΩ.
Use nearest preferred value of 13 kΩ.
The actual adjustment range using these values is 21 V to 26 V.
Rev. E | Page 27 of 45


同様の部品番号 - AD7877_17

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7877 AD-AD7877_15 Datasheet
843Kb / 45P
   Touch Screen Controller
REV. D
More results

同様の説明 - AD7877_17

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
   Touch Screen Controller
logo
Silicon Standard Corp.
SS7646 SSC-SS7646 Datasheet
836Kb / 13P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com