データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7879 データシート(PDF) 14 Page - Analog Devices

部品番号 AD7879
部品情報  Low Voltage Controller for Touch Screens
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7879 データシート(HTML) 14 Page - Analog Devices

Back Button AD7879_17 Datasheet HTML 10Page - Analog Devices AD7879_17 Datasheet HTML 11Page - Analog Devices AD7879_17 Datasheet HTML 12Page - Analog Devices AD7879_17 Datasheet HTML 13Page - Analog Devices AD7879_17 Datasheet HTML 14Page - Analog Devices AD7879_17 Datasheet HTML 15Page - Analog Devices AD7879_17 Datasheet HTML 16Page - Analog Devices AD7879_17 Datasheet HTML 17Page - Analog Devices AD7879_17 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
AD7879/AD7889
Data Sheet
Rev. D | Page 14 of 40
Figure 23 shows an equivalent circuit of the analog input structure
of the AD7879/AD7889, including the touch screen switches,
the main analog multiplexer, the ADC, and the dual 3 to 1
multiplexer that selects the reference source for the ADC.
AUX/VBAT/GPIO
12-BIT SUCCESSIVE
APPROXIMATION ADC
WITH TRACK-AND-HOLD
INPUT
MUX
TEMPERATURE
SENSOR
Y–
Y+
X–
X+
VCC
REF–
IN+
REF+
DUAL 3-TO-1 MUX
X– Y– GND X+ Y+ VCC
Figure 23. Analog Input Structure
The AD7879/AD7889 can be set up to automatically convert
either specific input channels or a sequence of channels. The
results of the ADC conversions are stored in the result registers.
When measuring the ancillary analog inputs (AUX, TEMP, or
VBAT), the ADC uses a VCC reference and the measurement is
referred to GND.
MEASURING TOUCH SCREEN INPUTS
When measuring the touch screen inputs, it is possible to use
VCC as a reference or instead to use the touch screen excitation
voltage as the reference and to perform a ratiometric, differential
measurement. The differential method is the default method
and is selected by clearing the SER/DFR bit (Bit 9 in Control
Register 2) to 0. The single-ended method is selected by setting
this bit to 1.
Single-Ended Method
Figure 24 shows the single-ended method for the Y position.
For the X position, the excitation voltage is applied to X+ and
X− and the voltage is measured at Y+.
ADC
REF+
INPUT
(VIA MUX)
X+
REF–
TOUCH
SCREEN
Y+
Y–
GND
VREF
VCC
Figure 24. Single-Ended Conversion of Touch Screen Inputs
The voltage seen at the input to the ADC in Figure 24 is
YTOTAL
Y
CC
IN
R
R
V
V
(1)
The advantage of the single-ended method is that the touch screen
excitation voltage is switched off when the signal is acquired.
Because a screen can draw over 1 mA, this is a significant
consideration for a battery-powered system.
The disadvantage of the single-ended method is that voltage
drops across the switches can introduce errors. Touch screens
can have a total end-to-end resistance ranging from 200 Ω to
900 Ω. By taking the lowest screen resistance of 200 Ω and a
typical switch resistance of 14 Ω, the user can reduce the apparent
excitation voltage to 200/228 × 100 = 87% of its actual value. In
addition, the voltage drop across the low-side switch adds to the
ADC input voltage. This introduces an offset into the input
voltage; thus, it can never reach 0.
Ratiometric Method
The ratiometric method illustrated in Figure 25 shows the
negative input of the ADC reference connected to Y− and the
positive input connected to Y+. Thus, the screen excitation
voltage provides the reference for the ADC. The input of the
ADC is connected to X+ to determine the Y position.
ADC
REF+
INPUT
(VIA MUX)
REF–
VCC
X+
TOUCH
SCREEN
Y+
Y–
GND
Figure 25. Ratiometric Conversion of Touch Screen Inputs
For greater accuracy, the ratiometric method has two significant
advantages. One is that the reference to the ADC is provided
from the actual voltage across the screen; therefore, any voltage
dropped across the switches has no effect. The other advantage
is that because the measurement is ratiometric, it does not
matter if the voltage across the screen varies in the long term.
However, it must not change after the signal has been acquired.
The disadvantage of the ratiometric method is that the screen
must be powered up at all times because it provides the reference
voltage for the ADC.


同様の部品番号 - AD7879_17

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7879-1ACBZ-500R7 AD-AD7879-1ACBZ-500R7 Datasheet
652Kb / 36P
   Low Voltage Controller for Touch Screens
REV. 0
AD7879-1ACBZ-500R7 AD-AD7879-1ACBZ-500R7 Datasheet
779Kb / 40P
   Low Voltage Controller for Touch Screens
AD7879-1ACBZ-RL AD-AD7879-1ACBZ-RL Datasheet
652Kb / 36P
   Low Voltage Controller for Touch Screens
REV. 0
AD7879-1ACBZ-RL AD-AD7879-1ACBZ-RL Datasheet
779Kb / 40P
   Low Voltage Controller for Touch Screens
AD7879-1ACPZ-500R7 AD-AD7879-1ACPZ-500R7 Datasheet
652Kb / 36P
   Low Voltage Controller for Touch Screens
REV. 0
More results

同様の説明 - AD7879_17

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7879 AD-AD7879 Datasheet
652Kb / 36P
   Low Voltage Controller for Touch Screens
REV. 0
AD7889 AD-AD7889 Datasheet
779Kb / 40P
   Low Voltage Controller for Touch Screens
logo
3M Electronics
69-502 3M-69-502 Datasheet
131Kb / 2P
   MicroTouch™ TouchPen System for ClearTek™ II Touch Screens
logo
Burr-Brown (TI)
TSC2046E BURR-BROWN-TSC2046E_07 Datasheet
645Kb / 30P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
Texas Instruments
TSC2046E-Q1 TI1-TSC2046E-Q1 Datasheet
803Kb / 28P
[Old version datasheet]   LOW-VOLTAGE I/O TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
TSC2046 BURR-BROWN-TSC2046 Datasheet
554Kb / 23P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
SHENZHEN FUMAN ELECTRON...
TSC2046S FUMAN-TSC2046S Datasheet
611Kb / 21P
   Low Voltage I/O Touch Screen Controller
logo
Texas Instruments
TSC2046 TI1-TSC2046_16 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4187 AKM-AK4187 Datasheet
448Kb / 36P
   Touch Screen Controller for Dual Touch Gestures
logo
List of Unclassifed Man...
FTAS00-150A5 ETC2-FTAS00-150A5 Datasheet
470Kb / 6P
   Resistive Touch Screens 5-Wire, 4-Wire & Digital Solutions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com