データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD73311L データシート(PDF) 12 Page - Analog Devices

部品番号 AD73311L
部品情報  Low Cost, Low Power CMOS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD73311L データシート(HTML) 12 Page - Analog Devices

Back Button AD73311L_17 Datasheet HTML 8Page - Analog Devices AD73311L_17 Datasheet HTML 9Page - Analog Devices AD73311L_17 Datasheet HTML 10Page - Analog Devices AD73311L_17 Datasheet HTML 11Page - Analog Devices AD73311L_17 Datasheet HTML 12Page - Analog Devices AD73311L_17 Datasheet HTML 13Page - Analog Devices AD73311L_17 Datasheet HTML 14Page - Analog Devices AD73311L_17 Datasheet HTML 15Page - Analog Devices AD73311L_17 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
REV. A
AD73311L
–11–
The output of the interpolation filter is fed to the DAC’s digital
sigma-delta modulator, which converts the 16-bit data to 1-bit
samples at a rate of DMCLK/8. The modulator noise-shapes
the signal so that errors inherent to the process are minimized
in the passband of the converter. The bitstream output of the
sigma-delta modulator is fed to the single bit DAC where it is
converted to an analog voltage.
Analog Smoothing Filter and PGA
The output of the single-bit DAC is sampled at DMCLK/8,
therefore it is necessary to filter the output to reconstruct the
low frequency signal. The decoder’s analog smoothing filter
consists of a continuous-time filter preceded by a third-order
switched-capacitor filter. The continuous-time filter forms part
of the output programmable gain amplifier (PGA). The PGA
can be used to adjust the output signal level from –15 dB to
+6 dB in 3 dB steps, as shown in Table IV. The PGA gain is
set by bits OGS0, OGS1 and OGS2 (CRD:4-6) in Control
Register D.
Table IV. PGA Settings for the Decoder Channel
OGS2
OGS1
OGS0
Gain (dB)
00
0
+6
00
1
+3
01
0
0
01
1
–3
10
0
–6
10
1
–9
11
0
–12
11
1
–15
Differential Output Amplifiers
The decoder has a differential analog output pair (VOUTP and
VOUTN). The output channel can be muted by setting the
MUTE bit (CRD:7) in Control Register D. The output signal
is dc-biased to the codec’s on-chip voltage reference.
Voltage Reference
The AD73311L reference, REFCAP, is a bandgap reference
that provides a low noise, temperature-compensated reference
to the DAC and ADC. A buffered version of the reference is
also made available on the REFOUT pin and can be used to
bias other external analog circuitry. The reference has a default
nominal value of 1.2 V.
The reference output (REFOUT) can be enabled for biasing
external circuitry by setting the RU bit (CRC:6) of CRC.
Serial Port (SPORT)
The codec communicates with a host processor via the bidirec-
tional synchronous serial port (SPORT) which is compatible
with most modern DSPs. The SPORT is used to transmit and
receive digital data and control information.
In both transmit and receive modes, data is transferred at the
serial clock (SCLK) rate with the MSB being transferred first.
Due to the fact that the SPORT uses a common serial register for
serial input and output, communications between an AD73311L
codec and a host processor (DSP engine) must always be initi-
ated by the codec itself. This ensures that there is no danger of
the information being sent to the codec being corrupted by
ADC samples being output by the codec.
SPORT Overview
The AD73311L SPORT is a flexible, full-duplex, synchronous
serial port whose protocol has been designed to allow up to eight
AD73311L devices to be connected, in cascade, to a single DSP
via a six-wire interface. It has a very flexible architecture that can
be configured by programming two of the internal control regis-
ters. The AD73311L SPORT has three distinct modes of opera-
tion: Control Mode, Data Mode and Mixed Control/Data Mode.
In Control Mode (CRA:0 = 0), the device’s internal configura-
tion can be programmed by writing to the five internal control
registers. In this mode, control information can be written to or
read from the codec. In Data Mode (CRA:0 = 1), information
that is sent to the device is used to update the decoder section
(DAC), while the encoder section (ADC) data is read from the
device. In this mode, only DAC and ADC data is written to or
read from the device. Mixed mode (CRA:0 = 1 and CRA:1 = 1)
allows the user to choose whether the information being sent to
the device contains either control information or DAC data.
This is achieved by using the MSB of the 16-bit frame as a flag
bit. Mixed mode reduces the resolution to 15 bits with the MSB
being used to indicate whether the information in the 16-bit
frame is control information or DAC/ADC data.
The SPORT features a single 16-bit serial register that is used
for both input and output data transfers. As the input and out-
put data must share the same register there are some precautions
that must be observed. The primary precaution is that no infor-
mation must be written to the SPORT without reference to an
output sample event, which is when the serial register will be
overwritten with the latest ADC sample word. Once the SPORT
starts to output the latest ADC word then it is safe for the DSP
to write new control or data words to the codec. In certain con-
figurations, data can be written to the device to coincide with
the output sample being shifted out of the serial register—see
section on interfacing devices. The serial clock rate (CRB:2–3)
defines how many 16-bit words can be written to a device before
the next output sample event will happen.
The SPORT block diagram, shown in Figure 9, details the six
control registers (A–F), external MCLK to internal DMCLK
divider and serial clock divider. The divider rates are controlled
by the setting of Control Register B. The AD73311L features a
master clock divider that allows users the flexibility of dividing
externally available high frequency DSP or CPU clocks to gener-
ate a lower frequency master clock internally in the codec which
may be more suitable for either serial transfer or sampling rate
requirements. The master clock divider has five divider options
(
÷1 default condition, ÷2, ÷3, ÷4, ÷5) that are set by loading
the master clock divider field in Register B with the appropriate
code. Once the internal device master clock (DMCLK) has
been set using the master clock divider, the sample rate and
serial clock settings are derived from DMCLK.
The SPORT can work at four different serial clock (SCLK) rates:
chosen from DMCLK, DMCLK/2, DMCLK/4 or DMCLK/8,
where DMCLK is the internal or device master clock resulting
from the external or pin master clock being divided by the
master clock divider. When working at the lower SCLK rate of
DMCLK/8, which is intended for interfacing with slower DSPs,
the SPORT will support a maximum of two devices in cascade
with the sample rate of DMCLK/256.


同様の部品番号 - AD73311L_17

メーカー部品番号データシート部品情報
logo
Analog Devices
AD73311L AD-AD73311L_15 Datasheet
381Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
More results

同様の説明 - AD73311L_17

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8613 AD-AD8613_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
AD8617 AD-AD8617_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
AD8619 AD-AD8619_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
AD8436 AD-AD8436 Datasheet
760Kb / 20P
   Low Cost, Low Power
REV. 0
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73322L AD-AD73322L_17 Datasheet
767Kb / 49P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311 AD-AD73311_15 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com