データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD73322 データシート(PDF) 32 Page - Analog Devices

部品番号 AD73322
部品情報  Low Cost, Low Power CMOS General-Purpose Dual Analog Front
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD73322 データシート(HTML) 32 Page - Analog Devices

Back Button AD73322_17 Datasheet HTML 28Page - Analog Devices AD73322_17 Datasheet HTML 29Page - Analog Devices AD73322_17 Datasheet HTML 30Page - Analog Devices AD73322_17 Datasheet HTML 31Page - Analog Devices AD73322_17 Datasheet HTML 32Page - Analog Devices AD73322_17 Datasheet HTML 33Page - Analog Devices AD73322_17 Datasheet HTML 34Page - Analog Devices AD73322_17 Datasheet HTML 35Page - Analog Devices AD73322_17 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
AD73322
–31–
REV. B
The AD73322’s ADC inputs are biased about the internal refer-
ence level (REFCAP level), therefore it may be necessary to
bias external signals to this level using the buffered REFOUT
level as the reference. This is applicable in either dc- or ac-
coupled configurations. In the case of dc coupling, the signal
(biased to REFOUT) may be applied directly to the inputs
(using amplifier bypass), as shown in Figure 28, or it may be
conditioned in an external op amp where it can also be biased
to the reference level using the buffered REFOUT signal as
shown in Figure 29 or it is possible to connect inputs directly
to the AD73322’s input op amps as shown in Figure 30.
VFBN1
GAIN
1
VREF
VINN1
VINP1
VFBP1
VOUTP1
VOUTN1
REFOUT
REFERENCE
AD73322
VREF
50k
100pF
50k
100pF
50k
50k
REFCAP
0.1 F
0/38dB
PGA
+6/–15dB
PGA
CONTINUOUS
TIME
LOW-PASS
FILTER
Figure 30. Analog Input (DC-Coupled) Using Internal
Amplifiers
In the case of ac coupling, a capacitor is used to couple the
signal to the input of the ADC. The ADC input must be biased
to the internal reference (REFCAP) level which is done by
connecting the input to the REFOUT pin through a 10 k
resistor as shown in Figure 31.
VFBN1
GAIN
1
VREF
VINN1
VINP1
VFBP1
VOUTP1
VOUTN1
REFOUT
REFERENCE
AD73322
VREF
100
100
0.1 F
REFCAP
0.1 F
0/38dB
PGA
0.047
F
0.047
F
10k
0.1 F
10k
+6/–15dB
PGA
CONTINUOUS
TIME
LOW-PASS
FILTER
Figure 31. Analog Input (AC-Coupled) Differential
If the ADC is being connected in single-ended mode, the
AD73322 should be programmed for single-ended mode using
the SEEN and INV bits of CRF and the inputs connected as
shown in Figure 32. When operated in single-ended input
mode, the AD73322 can multiplex one of the two inputs to the
ADC input.
VFBN1
GAIN
1
VREF
VINN1
VINP1
VFBP1
VOUTP1
VOUTN1
REFOUT
REFERENCE
0/38dB
PGA
AD73322
VREF
0.047
F
100
10k
0.1 F
REFCAP
0.1 F
+6/–15dB
PGA
CONTINUOUS
TIME
LOW-PASS
FILTER
Figure 32. Analog Input (AC-Coupled) Single-Ended
If best performance is required from a single-ended source, it
is possible to configure the AD73322’s input amplifiers as a
single-ended to differential converter as shown in Figure 33.
VFBN1
GAIN
1
VREF
VINN1
VINP1
VFBP1
VOUTP1
VOUTN1
REFOUT
REFERENCE
0/38dB
PGA
AD73322
50k
100pF
50k
100pF
50k
50k
REFCAP
0.1 F
VREF
+6/–15dB
PGA
CONTINUOUS
TIME
LOW-PASS
FILTER
Figure 33. Single-Ended to Differential Conversion On
Analog Input


同様の部品番号 - AD73322_17

メーカー部品番号データシート部品情報
logo
Analog Devices
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
More results

同様の説明 - AD73322_17

メーカー部品番号データシート部品情報
logo
Analog Devices
AD73322L AD-AD73322L_17 Datasheet
767Kb / 49P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322L AD-AD73322L Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
AD73322L AD-AD73322L_15 Datasheet
1Mb / 48P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. A
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com