データシートサーチシステム |
|
ADAV801 データシート(PDF) 38 Page - Analog Devices |
|
ADAV801 データシート(HTML) 38 Page - Analog Devices |
38 / 61 page ADAV801 Rev. A | Page 37 of 60 Transmitter Buffer Configuration—Address 0001101 (0x0D) Table 39. Transmitter Buffer Configuration Register Bit Map 7 6 5 4 3 2 1 0 IU_Zeros3 IU_Zeros2 IU_Zeros1 IU_Zeros0 TxBCONF3 TxBCONF2 TxBCONF1 TxBCONF0 Table 40. Transmitter Buffer Configuration Register Bit Descriptions Bit Name Description IU_Zeros[3:0] Determines the number of zeros to be stuffed between IUs in a message up to a maximum of 8. 0000 = 0. 0001 = 1. … 0111 = 7. 1000 = 8. TxBCONF3 Transmitter user bits can be stored in separate buffers or stored together. 0 = User bits are stored together. 1 = User bits are stored separately. TxBCONF[2:1] Configures the transmitter user bit buffer. 00 = Zeros are transmitted for the user bits. 01 = Transmitter user bit buffer size is configured according to TxBCONF0. 10 = User bits are written to the transmit buffer in IUs specified by the IEC60958-3 standard. 11 = Reserved. TxBCONF0 Determines the buffer size of the transmitter user bits when TxBCONF[2:1] is 01. 0 = 384 bits with Preamble Z as the start of the buffer. 1 = 768 bits with Preamble Z as the start of the buffer. Channel Status Switch Buffer and Transmitter—Address 0001110 (0x0E) Table 41. Channel Status Switch Buffer and Transmitter Register Bit Map 7 6 5 4 3 2 1 0 Reserved Reserved Tx_A/B_Same Disable_Tx_Copy Reserved Reserved TxCSSWITCH RxCSSWITCH Table 42. Channel Status Switch Buffer and Transmitter Register Bit Description Bit Name Description Tx_A/B_Same Transmitter Channel Status A and B are the same. The transmitter reads only from the Channel Status A buffer and places the data into the Channel Status B buffer. 0 = Channel status for A and B are separate. 1 = Channel status for A and B are the same. Disable_Tx_Copy Disables the copying of the channel status bits from the transmitter channel status buffer to the S/PDIF transmitter buffer. 0 = Copying transmitter channel status is enabled. 1 = Copying transmitter channel status is disabled. TxCSSWITCH Toggle switch for the transmit channel status buffer. 0 = 24-byte Transmitter Channel Status A buffer can be accessed at address locations 0x38 through 0x4F. 1 = 24-byte Transmitter Channel Status B buffer can be accessed at address locations 0x38 through 0x4F. RxCSSWITCH Toggle switch for the receive channel status buffer. 0 = 24-byte Receiver Channel Status A buffer can be accessed at address locations 0x20 through 0x37. 1 = 24-byte Receiver Channel Status B buffer can be accessed at address locations 0x20 through 0x37. |
同様の部品番号 - ADAV801_17 |
|
同様の説明 - ADAV801_17 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |