データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RB521SM9-30 データシート(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

部品番号 RB521SM9-30
部品情報  Schottky Barrier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
ホームページ  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

RB521SM9-30 データシート(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  RB521SM9-30 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd RB521SM9-30 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Absolute Maximum Ratings (Ta = 25 ℃)
Symbol
Parameter
Value
Units
V
RRM
Repetitive Peak Reverse Voltage
40
V
V
R
Reverse Voltage
30
V
I
O
Continuous Forward Current
200
mA
I
FSM
Non-Repetitive Peak Forward Current *1
1
A
T
J
Junction Temperature
125
T
STG
Storage Temperature
-55 to +125
*1: 8.3ms Single Half Sine-Wave
Electrical Characteristics (Ta = 25 ℃)
Symbol
Parameter
Conditions
Min
TYP
Max
Units
V
F
Forward Voltage
I
F = 10mA
I
F = 200mA
0.35
0.50
V
V
BV
R
Breakdown Voltage
I
R = 500μA
40
V
I
R
Reverse Current
V
R = 10V
V
R = 20V
30
100
μA
μA
Schottky Barrier Diode
RB521SM9-30
◇ Low current rectification
◇ Low forward voltage
◇ SOD923 Micro SMD package (Fig-1)
Dimensions: 1.0 mm x 0.6 mm (0.039” x 0.024”)
◇ RoHS compliant
◇ UL-94 V-0 / Green EMC
◇ Matte Tin Lead finish (Pb-Free)
◇ Moisture Level Sensitivity 1
◇ Cathode Band / Device marking:
Device Marking Code
RB521SM9-30
C7
Fig –1 Package SOD923
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1


同様の部品番号 - RB521SM9-30

メーカー部品番号データシート部品情報
logo
Rohm
RB521SM-30 ROHM-RB521SM-30 Datasheet
1Mb / 4P
   Schottky Barrier Diode
RB521SM-30 ROHM-RB521SM-30 Datasheet
1Mb / 8P
   Schottky Barrier Diode
RB521SM-30 ROHM-RB521SM-30_16 Datasheet
1Mb / 8P
   Schottky Barrier Diode
RB521SM-40 ROHM-RB521SM-40 Datasheet
1Mb / 4P
   Schottky Barrier Diode
RB521SM-40 ROHM-RB521SM-40 Datasheet
1Mb / 8P
   Schottky Barrier Diode
More results

同様の説明 - RB521SM9-30

メーカー部品番号データシート部品情報
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com