データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK12C68-5C45M データシート(PDF) 10 Page - List of Unclassifed Manufacturers

部品番号 STK12C68-5C45M
部品情報  CMOS NV SRAM 8K X 8 AUTOSTORE NONVOLATILE STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

STK12C68-5C45M データシート(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button STK12C68-5C45M Datasheet HTML 2Page - List of Unclassifed Manufacturers STK12C68-5C45M Datasheet HTML 3Page - List of Unclassifed Manufacturers STK12C68-5C45M Datasheet HTML 4Page - List of Unclassifed Manufacturers STK12C68-5C45M Datasheet HTML 5Page - List of Unclassifed Manufacturers STK12C68-5C45M Datasheet HTML 6Page - List of Unclassifed Manufacturers STK12C68-5C45M Datasheet HTML 7Page - List of Unclassifed Manufacturers STK12C68-5C45M Datasheet HTML 8Page - List of Unclassifed Manufacturers STK12C68-5C45M Datasheet HTML 9Page - List of Unclassifed Manufacturers STK12C68-5C45M Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
STK12C68-M
4-62
Temperature Range
M = Military (-55 to 125 degrees C)
Access Time
40 = 40ns
45 = 45ns
55 = 55ns
Package
C = Ceramic 28 pin 300-mil DIP with gold lead finish
K = Ceramic 28 pin 300-mil DIP with solder DIP finish
L = Ceramic 28 pin LCC
Retention / Endurance
10 years / 100,000 cycles
STK12C68 - 5 C 40 M
Lead Finish
A = Solder DIP lead finish
C = Gold lead DIP finish
X = lead finish "A" or "C" is acceptable
Package
MX = Ceramic 28 pin 300-mil DIP
MY = Ceramic 28 pin LCC
Access Time
01 = 55ns
02 = 45ns
5962-94599 01 MX X
ORDERING INFORMATION


同様の部品番号 - STK12C68-5C45M

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
STK12C68-5C45M ETC-STK12C68-5C45M Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results

同様の説明 - STK12C68-5C45M

メーカー部品番号データシート部品情報
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK12C68-IM ETC1-STK12C68-IM Datasheet
64Kb / 10P
   CMOS nvSRAM 8K x 8 AutoStore Nonvolatile Static RAM Industrial Temperature/Military Screen
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK25CA8 ETC-STK25CA8 Datasheet
129Kb / 8P
   128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com