データシートサーチシステム |
|
NTE1927 データシート(PDF) 1 Page - NTE Electronics |
|
NTE1927 データシート(HTML) 1 Page - NTE Electronics |
1 / 3 page NTE1927 Integrated Circuit 4–Terminal Negative Adjustable Voltage Regulator Description: The NTE1927 is a 4–terminal negative adjustable voltage regulator in a TO3 type package designed to deliver continuous load currents of up to 1A with a maximum input voltage of –40V. Features: D Output Current in Excess of 1A D Negative Output –30V to –2.2V D Internal Thermal Overload Protection D Internal Short Circuit Protection D Output Transistor Safe–Area Protection Absolute Maximum Ratings: Input Voltage, VIN –40V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Control Pin Voltage –VOUT ≤ –V ≤ 0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Power Dissipation, PD Internally Limited . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating Junction Temperature Range, Topr 0 ° to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage Temperature Range, Tstg –65 ° to +150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead Temperature (During Soldering, 60sec), TL +300 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Electrical Characteristics: (0 ° ≤ TJ ≤ +125°C, VIN = –10V, IOUT = 500mA, CIN = 2µF, COUT = 1µF, Note 1, Note 2 unless otherwise specified) Parameter Test Conditions Min Typ Max Unit Input Voltage Range TJ = +25°C –40 – –7.0 V Nominal Output Voltage Range VIN = VOUT – 5V –30 – –2.23 V Output Voltage Tolerance VOUT – 15V ≤ VIN ≤ VOUT – 3V, ≤ ≤ ≤ TJ = +25°C – – 4.0 % (VOUT) 5mA ≤ IOUT ≤ 1A, PD ≤ 15W, IIN(max) = –38V – – 5.0 % (VOUT) Note 1. VOUT is defined as: VOUT = R1 + R2 R2 (–2.23) Note 2. The convention for negative regulators in the algabraic value, thus –15V is less than –10V. |
同様の部品番号 - NTE1927 |
|
同様の説明 - NTE1927 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |