データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AHC14DBR データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AHC14DBR
部品情報  HEX SCHMITT-TRIGGER INVERTERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC14DBR データシート(HTML) 6 Page - Texas Instruments

  SN74AHC14DBR Datasheet HTML 1Page - Texas Instruments SN74AHC14DBR Datasheet HTML 2Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 2 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
5962-9680201Q2A
ACTIVE
LCCC
FK
20
1
TBD
Call TI
Level-NC-NC-NC
5962-9680201QCA
ACTIVE
CDIP
J
14
1
TBD
Call TI
Level-NC-NC-NC
5962-9680201QDA
ACTIVE
CFP
W
14
1
TBD
Call TI
Level-NC-NC-NC
5962-9682001QCA
ACTIVE
CDIP
J
14
1
TBD
Call TI
Level-NC-NC-NC
5962-9682001QDA
ACTIVE
CFP
W
14
1
TBD
Call TI
Level-NC-NC-NC
SN74AHC14D
ACTIVE
SOIC
D
14
50
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
SN74AHC14DBLE
OBSOLETE
SSOP
DB
14
TBD
Call TI
Call TI
SN74AHC14DBR
ACTIVE
SSOP
DB
14
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
SN74AHC14DGVR
ACTIVE
TVSOP
DGV
14
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
SN74AHC14DR
ACTIVE
SOIC
D
14
2500
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
SN74AHC14N
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
SN74AHC14NSR
ACTIVE
SO
NS
14
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
SN74AHC14PW
ACTIVE
TSSOP
PW
14
90
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AHC14PWLE
OBSOLETE
TSSOP
PW
14
TBD
Call TI
Call TI
SN74AHC14PWR
ACTIVE
TSSOP
PW
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AHC14RGYR
ACTIVE
QFN
RGY
14
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1YEAR
SNJ54AHC08J
ACTIVE
CDIP
J
14
1
TBD
Call TI
Level-NC-NC-NC
SNJ54AHC08W
ACTIVE
CFP
W
14
1
TBD
Call TI
Level-NC-NC-NC
SNJ54AHC14FK
ACTIVE
LCCC
FK
20
1
TBD
Call TI
Level-NC-NC-NC
SNJ54AHC14J
ACTIVE
CDIP
J
14
1
TBD
Call TI
Level-NC-NC-NC
SNJ54AHC14W
ACTIVE
CFP
W
14
1
TBD
Call TI
Level-NC-NC-NC
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
PACKAGE OPTION ADDENDUM
www.ti.com
18-Mar-2005
Addendum-Page 1


同様の部品番号 - SN74AHC14DBR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHC14DBR TI-SN74AHC14DBR Datasheet
949Kb / 24P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74AHC14DBR TI-SN74AHC14DBR Datasheet
991Kb / 22P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74AHC14DBR TI-SN74AHC14DBR Datasheet
913Kb / 22P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74AHC14DBR TI-SN74AHC14DBR Datasheet
2Mb / 40P
[Old version datasheet]   SNx4AHC14 Hex Schmitt-Trigger Inverters
REVISED JUNE 2023
SN74AHC14DBRE4 TI-SN74AHC14DBRE4 Datasheet
949Kb / 24P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results

同様の説明 - SN74AHC14DBR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
RD74LVC14B RENESAS-RD74LVC14B Datasheet
64Kb / 7P
   Hex Schmitt-trigger Inverters
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com