データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC145170D2 データシート(PDF) 5 Page - Motorola, Inc

部品番号 MC145170D2
部品情報  PLL Frequency Synthesizer with Serial Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145170D2 データシート(HTML) 5 Page - Motorola, Inc

  MC145170D2 Datasheet HTML 1Page - Motorola, Inc MC145170D2 Datasheet HTML 2Page - Motorola, Inc MC145170D2 Datasheet HTML 3Page - Motorola, Inc MC145170D2 Datasheet HTML 4Page - Motorola, Inc MC145170D2 Datasheet HTML 5Page - Motorola, Inc MC145170D2 Datasheet HTML 6Page - Motorola, Inc MC145170D2 Datasheet HTML 7Page - Motorola, Inc MC145170D2 Datasheet HTML 8Page - Motorola, Inc MC145170D2 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Electrical Characteristics
MOTOROLA
MC145170-2 Technical Data
5
Maximum Operating Supply
Current
fin = 500 mVpp;
OSCin = 1.0 MHz @ 1.0
Vpp;
LD, fR, fV, REFout = Inactive
and No Connect; OSCout,
φV, φR, PDout = No Connect;
Din, ENB, CLK = VDD or
VSS
Idd
-
[Note 2]
mA
Table 4. AC Interface Characteristics
( TA = -40 to 85°C, CL = 50 pF, Input tr = tf = 10 ns, unless otherwise noted.)
Parameter
Symbol
Figure
No.
VDD
V
Guaranteed
Limit
Unit
Serial Data Clock Frequency (Note: Refer to Clock
tw Below)
fclk
22.7
4.5
5.5
dc to 3.0
dc to 4.0
dc to 4.0
MHz
Maximum Propagation Delay, CLK to Dout
tPLH, tPHL
2, 6
2.7
4.5
5.5
150
85
85
ns
Maximum Disable Time, Dout Active to High
Impedance
tPLZ, tPHZ
3, 7
2.7
4.5
5.5
300
200
200
ns
Access Time, Dout High Impedance to Active
tPZL, tPZH
3, 7
2.7
4.5
5.5
0 to 200
0 to 100
0 to 100
ns
Maximum Output Transition Time, Dout
CL = 50 pF
tTLH, tTHL
2, 6
2.7
4.5
5.5
150
50
50
ns
CL = 200 pF
2, 6
2.7
4.5
5.5
900
150
150
ns
Maximum Input Capacitance - Din, ENB, CLK
Cin
-10
pF
Maximum Output Capacitance - Dout
Cout
-10
pF
Table 3. Electrical Characteristics (Continued) (Voltages Referenced to V
SS, TA = -40 to 85°C)
Parameter
Test Condition
Symbol
VDD
V
Guaranteed
Limit
Unit
NOTES: 1. When dc coupling to the OSCin pin is used, the pin must be driven rail-to-rail. In this case, OSCout should be floated.
2. The nominal values at 3.0 V are 0.6 mA @ 30 MHz, and 1.5 mA @ 100 MHz. The nominal values at 5.0 V are 3.0 mA @ 50 MHz,
and 5.8 mA @ 185 MHz. These are not guaranteed limits.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


同様の部品番号 - MC145170D2

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
MC145170D2 LANSDALE-MC145170D2 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
logo
Freescale Semiconductor...
MC145170D2 FREESCALE-MC145170D2 Datasheet
1Mb / 32P
   PLL Frequency Synthesizer with Serial Interface
More results

同様の説明 - MC145170D2

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC14570 MOTOROLA-MC14570 Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
logo
Freescale Semiconductor...
MC145170-2 FREESCALE-MC145170-2 Datasheet
1Mb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
Motorola, Inc
MC145170-1 MOTOROLA-MC145170-1 Datasheet
456Kb / 27P
   PLL Frequency Synthesizer with Serial Interface CMOS
MC145170 MOTOROLA-MC145170 Datasheet
486Kb / 16P
   PLL Frequency Synthesizer with Serial Interface CMOS
logo
LANSDALE Semiconductor ...
ML145170 LANSDALE-ML145170 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com