データシートサーチシステム |
|
2N2647 データシート(PDF) 2 Page - List of Unclassifed Manufacturers |
|
2N2647 データシート(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 2 page COMSET SEMICONDUCTORS 2/2 2N2646 2N2647 2N2646 – 2N2647 Symbol Ratings Min Max RBBO Interbase Resistance VB1B2 = 3 V 4.7 9.1 k Ω 2N2646 0.56 0.75 ηηηη Intrinsic stand-off ratio VB1B2 = 10 V 2N2647 0.68 0.82 - VE(SAT) Emitter Saturation Voltage IE = 50 mA, VB1B2 = 10 V -2.5 V 2N2646 4- IV Valley Current VB1B2 = 20 V 2N2647 8- mA 2N2646 -5 IP Peak Current VB1B2 = 25 V 2N2647 -2 µA * VDRM or VRSM can be applied for all types on a continuous dc basis without incurring damage. Information furnished is believed to be accurate and reliable. However, CS assumes no responsability for the consequences of use of such information nor for errors that could appear. Data are subject to change without notice. |
同様の部品番号 - 2N2647 |
|
同様の説明 - 2N2647 |