データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AMER160-48320Z データシート(PDF) 1 Page - AIMTEC

部品番号 AMER160-48320Z
部品情報  up to 3400mA | AC-DC LED driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AIMTEC [AIMTEC]
ホームページ  https://aimtec.com
Logo AIMTEC - AIMTEC

AMER160-48320Z データシート(HTML) 1 Page - AIMTEC

  AMER160-48320Z Datasheet HTML 1Page - AIMTEC AMER160-48320Z Datasheet HTML 2Page - AIMTEC AMER160-48320Z Datasheet HTML 3Page - AIMTEC AMER160-48320Z Datasheet HTML 4Page - AIMTEC AMER160-48320Z Datasheet HTML 5Page - AIMTEC AMER160-48320Z Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Series AMER160-Z
up to 3400mA | AC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 052.1e R0
1 of 6
North America only
FEATURES:
Models
Single output
Model
Max Output
Power (W)
Output Voltage
Range (V)
Output Current
(mA)
Input Voltage
(VAC/Hz)
Efficiency
(%)
AMER160-48320Z
153.6
15-48
3200
90-305/47-63
92.0
AMER160-55290Z
159.5
30-55
2900
90-305/47-63
92.0
AMER160-48340Z
163.2
15-48
3400
90-305/47-63
92.0
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity <75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Input Current
90 VAC, full load
2.4
Arms
Inrush current <2ms
115 VAC, cold start
40
A
305 VAC, cold start
65
Leakage current
0.75
mA
Input dissipation
No Load
3.0
W
Output Short
5.0
W
Power Factor
115 VAC, full load
0.98
277 VAC, full load
0.92
Input Fuse
5A/300V
Start-up Time
115 VAC, full load
1.0
Sec.
277 VAC, full load
1.0
Sec.
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Current accuracy
±5
%
Line regulation
LL to HL
±1
%
Load regulation
Full Output Voltage Range
±5
%
Ripple & Noise
200
mV
Output Current Ripple
Full load
1.0
Io%
Current Overshoot
LL to HL, full load at cold start, % of rated output current
10
%
Hold-up time (min.)
10
15
ms
Minimum Load Voltage
See Models Table Above
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O Isolation Voltage
I/P
– O/P
3750
VAC
I/P
– FG
2000
VAC
O/P
– FG
500
VAC
Isolation Resistance
I/P
– O/P, 500Vdc
>100MΩ
Vdc
Isolation Capacitance
3000
pF
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100
220
KHz
Over voltage protection
63
V
Short circuit protection
Continuous current mode
• Accurate Constant Current Output ±5%
• IP65/IP67 design for indoor/outdoor
• High Efficiency: Up to 92%
• Short Circuit Protection
• Active Power Factor Correction
• Over Temperature Protection
• UVLO, Open Circuit Protection
• 5 Year Warranty


同様の部品番号 - AMER160-48320Z

メーカー部品番号データシート部品情報
logo
AIMTEC
AMER160-48320Z AIMTEC-AMER160-48320Z Datasheet
436Kb / 6P
   up to 3400mA | AC-DC LED driver
More results

同様の説明 - AMER160-48320Z

メーカー部品番号データシート部品情報
logo
AIMTEC
AMER160-Z AIMTEC-AMER160-Z Datasheet
436Kb / 6P
   up to 3400mA | AC-DC LED driver
AMEPR25D-24100AZ AIMTEC-AMEPR25D-24100AZ_16 Datasheet
212Kb / 4P
   up to 1A | AC-DC LED Driver
AMEPR30D-5070AZ-U AIMTEC-AMEPR30D-5070AZ-U Datasheet
505Kb / 5P
   up to 2A | AC-DC LED driver
AMER60N-42130Z AIMTEC-AMER60N-42130Z Datasheet
819Kb / 7P
   up to 1600mA | AC-DC LED driver
AMEPR50N-42100Z AIMTEC-AMEPR50N-42100Z Datasheet
549Kb / 6P
   up to 1150mA | AC-DC LED driver
AMEQR50N-50100Z AIMTEC-AMEQR50N-50100Z Datasheet
418Kb / 4P
   up to 1000mA | AC-DC LED driver
AMER120C-Z AIMTEC-AMER120C-Z Datasheet
909Kb / 6P
   up to 1700mA | AC-DC LED driver
AMER60N-Z AIMTEC-AMER60N-Z Datasheet
841Kb / 6P
   up to 1600mA | AC-DC LED driver
AMER90-Z AIMTEC-AMER90-Z Datasheet
436Kb / 5P
   up to 2000mA | AC-DC LED driver
AMEPR50N-Z AIMTEC-AMEPR50N-Z Datasheet
549Kb / 6P
   up to 1150mA | AC-DC LED driver
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com