データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SP6722 データシート(PDF) 7 Page - SamHop Microelectronics Corp.

部品番号 SP6722
部品情報  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMHOP [SamHop Microelectronics Corp.]
ホームページ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SP6722 データシート(HTML) 7 Page - SamHop Microelectronics Corp.

  SP6722 Datasheet HTML 1Page - SamHop Microelectronics Corp. SP6722 Datasheet HTML 2Page - SamHop Microelectronics Corp. SP6722 Datasheet HTML 3Page - SamHop Microelectronics Corp. SP6722 Datasheet HTML 4Page - SamHop Microelectronics Corp. SP6722 Datasheet HTML 5Page - SamHop Microelectronics Corp. SP6722 Datasheet HTML 6Page - SamHop Microelectronics Corp. SP6722 Datasheet HTML 7Page - SamHop Microelectronics Corp. SP6722 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Ver 2.0
www.samhop.com.tw
Feb,14,2017
7
SP6722
TSON 3.3 x 3.3 Tape and Reel Data
TSON 3.3 x 3.3 Tape
TSON 3.3 x 3.3 Reel
unit:mm
PACKAGE
TSON 3.3 x 3.3
H1
D
D1
EE1
E2
H
PP1
P2
T
3.70
1.50
1.50
1.10
0.10
4.0
0.10
2.0
0.05
0.3
0.05
UNIT:
TAPE SIZE
12
REEL SIZE
A
B
C
D
N
W1
W2
330
1.0
1.5
FEEDING DIRECTION
0.10
(MIN)
+0.10
- 0.00
12.0
+0.30
- 0.10
1.75
0.10
5.50
0.05
3.70
0.10
K
8.0
0.10
A
N
W1
W2
D
B
C
13 "
+ 0.5
- 0.2
13.0
+ 0.5
- 0.2
20.2(ref.)
178
+ 0.0
- 2.0
12.4
+ 2.0
- 0.0
18.4(ref.)
D1
P2
P1
E
E1
E2
P
D
A
A
B
B
H1
T
K
H
SECTION A-A
SECTION B-B


同様の部品番号 - SP6722

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
SP6719 SAMHOP-SP6719 Datasheet
97Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Sipex Corporation
SP674A SIPEX-SP674A Datasheet
160Kb / 14P
   12-bit Sampling A/D Converters
SP674AA SIPEX-SP674AA Datasheet
160Kb / 14P
   12-bit Sampling A/D Converters
SP674AB SIPEX-SP674AB Datasheet
160Kb / 14P
   12-bit Sampling A/D Converters
SP674AC SIPEX-SP674AC Datasheet
160Kb / 14P
   12-bit Sampling A/D Converters
More results

同様の説明 - SP6722

メーカー部品番号データシート部品情報
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com