データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MT9M131 データシート(PDF) 16 Page - ON Semiconductor

部品番号 MT9M131
部品情報  1/3?릋nch SOC 1.3Mp CMOS Digital Image Sensor
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9M131 データシート(HTML) 16 Page - ON Semiconductor

Back Button MT9M131_17 Datasheet HTML 12Page - ON Semiconductor MT9M131_17 Datasheet HTML 13Page - ON Semiconductor MT9M131_17 Datasheet HTML 14Page - ON Semiconductor MT9M131_17 Datasheet HTML 15Page - ON Semiconductor MT9M131_17 Datasheet HTML 16Page - ON Semiconductor MT9M131_17 Datasheet HTML 17Page - ON Semiconductor MT9M131_17 Datasheet HTML 18Page - ON Semiconductor MT9M131_17 Datasheet HTML 19Page - ON Semiconductor MT9M131_17 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
MT9M131
www.onsemi.com
16
IFP REGISTER DESCRIPTION
Configuration
The vast majority of IFP registers associate naturally to
one of the IFP modules. These modules are identified in
Table 9. Detailed register descriptions follow in Table 10.
A few registers create effects across a number of module
functions. These include R0xF0 page map register (R/W);
R0x106 operating mode control register (R/W); R0x108
output format control register (R/W); the R0x23E gain types
and CCM threshold register − the gain threshold for CCM
adjustment (R/W).
Colorpipe Registers
Unless noted otherwise in this document, colorpipe
registers take effect immediately. This can result in one or
more distorted output frames. These registers should be
adjusted during FV LOW or the resulting image should be
hidden for one or two frames.
Colorpipe resize registers are updated shortly after FV
goes HIGH. They are not examined again until the next
frame.
Table 10. COLORPIPE REGISTER DESCRIPTION ADDRESS PAGE 1
Register Number
Dec − Hex
Description
R5:1 − R0x105 − Aperture Correction
Default
0x0003
Description
Aperture correction scale factor, used for sharpening
Bit 3
Enables automatic sharpness reduction control (see R0x233)
Bits 2:0
Sharpening factor:
“000” − No sharpening
“001” − 25% sharpening
“010” − 50% sharpening
“011” − 75% sharpening
“100” − 100% sharpening
“101” − 125% sharpening
“110” − 150% sharpening
“111” − 200% sharpening
R6:1 − R0x106 − Operating Mode Control (R/W)
Default
0x700E
Description
This register specifies the operating mode of the IFP
Bit 15
Enables manual white balance. User can set the base matrix and color channel gains. This bit must be asserted
and de-asserted with a frame in between to force new color correction settings to take effect
Bit 14
Enables auto exposure
Bit 13
Enables on-the-fly defect correction
Bit 12
Clips aperture corrections. Small aperture corrections (< 8) are attenuated to reduce noise amplification
Bit 11
Load color correction matrix
1: In manual white balance mode, triggers the loading of a new base matrix in color correction and the loading
of new base sensor gain ratios
0: Enables the matrix to be changed “offline”
Bit 10
Enables lens shading correction
1: Enables lens shading correction
Bit 9
Reserved
Bit 8
Reserved
Bit 7
Enables flicker detection
1: Enables automatic flicker detection
Bit 6
Reserved for future expansion
Bit 5
Reserved
Bit 4
Bypasses color correction matrix
1: Outputs raw color, bypassing color correction
0: Normal color processing
Bits 3:2
Auto exposure back light compensation control
“00” − Auto exposure sampling window is specified by R0x226 and R0x227 (“large window”)
“01” − Auto exposure sampling window is specified by R0x22B and R0x22C (“small window”)
“1X” − Auto exposure sampling window is specified by the weighted sum of the large window and the small
window, with the small window weighted four times more heavily


同様の部品番号 - MT9M131_17

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MT9M131C12STC-DP ONSEMI-MT9M131C12STC-DP Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
MT9M131C12STC-DR ONSEMI-MT9M131C12STC-DR Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
MT9M131C12STC-TP ONSEMI-MT9M131C12STC-TP Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
MT9M131C12STC-TR ONSEMI-MT9M131C12STC-TR Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com