データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MT9M131 データシート(PDF) 17 Page - ON Semiconductor

部品番号 MT9M131
部品情報  1/3?릋nch SOC 1.3Mp CMOS Digital Image Sensor
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9M131 データシート(HTML) 17 Page - ON Semiconductor

Back Button MT9M131_17 Datasheet HTML 13Page - ON Semiconductor MT9M131_17 Datasheet HTML 14Page - ON Semiconductor MT9M131_17 Datasheet HTML 15Page - ON Semiconductor MT9M131_17 Datasheet HTML 16Page - ON Semiconductor MT9M131_17 Datasheet HTML 17Page - ON Semiconductor MT9M131_17 Datasheet HTML 18Page - ON Semiconductor MT9M131_17 Datasheet HTML 19Page - ON Semiconductor MT9M131_17 Datasheet HTML 20Page - ON Semiconductor MT9M131_17 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
MT9M131
www.onsemi.com
17
Table 10. COLORPIPE REGISTER DESCRIPTION ADDRESS PAGE 1 (continued)
Register Number
Dec − Hex
Description
Bit 1
Enables AWB
1: Enables auto white balance
0: Freezes white balance at current values
Bit 0
Reserved for future expansion.
R8:1 − R0x108 − Output Format Control (R/W)
Default
0x0080
Description
This register specifies the output timing and format in conjunction with R0x13A or R0x19B (depending on the
context)
Bits 15:10
Reserved for future expansion
Bit 9
Flip Bayer columns in processed Bayer output mode
0: Column order is green, red and blue, green.
1: Column order is red, green and green, blue.
Bit 8
Flip Bayer row in processed Bayer output mode
0: First row contains green and red; the second row contains blue and green
1: First row contains blue and green; the second row contains green and red
Bit 7
Controls the values used for the protection bits in Rec. ITU−R BT.656 codes
0: Use zeros for the protection bits
1: Use the correct values
Bit 5
Multiplexes Y (in YCbCr mode) or green (in RGB mode) channel on all channels (monochrome)
1: Forces Y/G onto all channels
Bit 4
Disables Cab color output channel (Cb = 128) in YCbCr mode and disables the blue color output channel
(B = 0) in RGB mode
1: Forces Cab to 128 or B to 0
Bit 3
Disables Y color output channel (Y = 128) in YCbCr and disables the green color output channel (G = 0) in RGB
mode
1: Forces Y to 128 or G to 0
Bit 2
Disables Cr color output channel (Cr = 128) in YCbCr mode and disables the red color output channel (R = 0) in
RGB mode
1: Forces Cr to 128 or R to 0
Bit 1
Toggles the assumptions about Bayer vertical CFA shift
0: Row containing red comes first
1: Row containing blue comes first
Bit 0
Toggles the assumptions about Bayer horizontal CFA shift
0: Green comes first
1: Red or blue comes first
R37:1 − R0x125 − Color Saturation Control (R/W)
Default
0x0005
Description
This register specifies the color saturation control settings.
Bit 5:3
Specify overall attenuation of the color saturation
“000” − Full color saturation
“001” − 75% of full saturation
“010” − 50% of full saturation
“011” − 37.5% of full saturation
“100” − 25% of full saturation
“101” − 150% of full saturation
“110” − black and white
Bit 2:0
Specify color saturation attenuation at high luminance (linearly increasing attenuation from no attenuation to
monochrome at luminance of 224).
“000” − No attenuation
“001” − Attenuation starts at luminance of 216
“010” − Attenuation starts at luminance of 208
“011” − Attenuation starts at luminance of 192
“100” − Attenuation starts at luminance of 160
“101” − Attenuation starts at luminance of 96


同様の部品番号 - MT9M131_17

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MT9M131C12STC-DP ONSEMI-MT9M131C12STC-DP Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
MT9M131C12STC-DR ONSEMI-MT9M131C12STC-DR Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
MT9M131C12STC-TP ONSEMI-MT9M131C12STC-TP Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
MT9M131C12STC-TR ONSEMI-MT9M131C12STC-TR Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com