データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MT9V023 データシート(PDF) 5 Page - ON Semiconductor

部品番号 MT9V023
部品情報  1/3-Inch Wide?륷GA CMOS Digital Image Sensor
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V023 データシート(HTML) 5 Page - ON Semiconductor

  MT9V023_17 Datasheet HTML 1Page - ON Semiconductor MT9V023_17 Datasheet HTML 2Page - ON Semiconductor MT9V023_17 Datasheet HTML 3Page - ON Semiconductor MT9V023_17 Datasheet HTML 4Page - ON Semiconductor MT9V023_17 Datasheet HTML 5Page - ON Semiconductor MT9V023_17 Datasheet HTML 6Page - ON Semiconductor MT9V023_17 Datasheet HTML 7Page - ON Semiconductor MT9V023_17 Datasheet HTML 8Page - ON Semiconductor MT9V023_17 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
MT9V023
www.onsemi.com
5
Table 3. BALL DESCRIPTIONS (continued)
52-Ball IBA Numbers
Note
Description
Type
Symbol
B5
PIXCLK
Output
Pixel clock out. DOUT is valid on rising edge of this
clock.
B3
SHFT_CLKOUT_N
Output
Output shift CLK (differential negative).
B2
SHFT_CLKOUT_P
Output
Output shift CLK (differential positive).
A3
SER_DATAOUT_N
Output
Serial data out (differential negative).
A2
SER_DATAOUT_P
Output
Serial data out (differential positive).
B4, E2
VDD
Supply
Digital power 3.3 V.
C8, F7
VAA
Supply
Analog power 3.3 V.
B8
VAAPIX
Supply
Pixel power 3.3 V.
A1, A4
VDDLVDS
Supply
Dedicated power for LVDS pads.
B1, C3
LVDSGND
Ground
Dedicated GND for LVDS pads.
C6, F3
DGND
Ground
Digital GND.
C7, F6
AGND
Ground
Analog GND.
E7, E8, D7, D8
NC
NC
No connect.
3
1. Pin H7 (RSVD) must be tied to GND.
2. Output enable (OE) tri-states signals DOUT0–DOUT9, LINE_VALID, FRAME_VALID, and PIXCLK.
3. No connect. These pins must be left floating for proper operation.
Figure 3. Typical Configuration (Connection) − Parallel Output Mode
SYSCLK
LINE_VALID
FRAME_VALID
PIXCLK
DOUT(9:0)
STANDBY
EXPOSURE
RSVD
S_CTRL_ADR0
S_CTRL_ADR1
LVDSGND
LED_OUT
ERROR
SDATA
SCLK
RESET_BAR
OE
VDDLVDS
AGND
DGND
VDD
VAA
VAAPIX
Master Clock
0.1 F
To Controller
STANDBY from
Controller or
Digital GND
Two−Wire
Serial Interface
VDD
VAA
VAAPIX
To LED output
μ
Note:
LVDS signals are to be left floating.


同様の部品番号 - MT9V023_17

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MT9V023IA7XTC-DP ONSEMI-MT9V023IA7XTC-DP Datasheet
1Mb / 59P
   Wide-VGA CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
MT9V023IA7XTC-DR ONSEMI-MT9V023IA7XTC-DR Datasheet
1Mb / 59P
   Wide-VGA CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
MT9V023IA7XTC-TP ONSEMI-MT9V023IA7XTC-TP Datasheet
1Mb / 59P
   Wide-VGA CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
MT9V023IA7XTC-TR ONSEMI-MT9V023IA7XTC-TR Datasheet
1Mb / 59P
   Wide-VGA CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
MT9V023IA7XTM-DR ONSEMI-MT9V023IA7XTM-DR Datasheet
1Mb / 59P
   Wide-VGA CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
More results

同様の説明 - MT9V023_17

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MT9V034 ONSEMI-MT9V034_17 Datasheet
500Kb / 43P
   1/3?륤nch Wide?륷GA CMOS Digital Image Sensor
January, 2017 ??Rev. 7
MT9V024 ONSEMI-MT9V024_17 Datasheet
430Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
December, 2017 ??Rev. 7
MT9V024 ONSEMI-MT9V024_V01 Datasheet
704Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
AR0132AT ONSEMI-AR0132AT Datasheet
1Mb / 56P
   1/3-Inch CMOS Digital Image Sensor
Rev. 9, 2/16 EN
MT9M034 ONSEMI-MT9M034_16 Datasheet
1Mb / 53P
   1/3-Inch CMOS Digital Image Sensor
Rev. 8, 2/16 EN
AR0130CS ONSEMI-AR0130CS_16 Datasheet
1Mb / 49P
   1/3-Inch CMOS Digital Image Sensor
Rev. 12, 1/16 EN
MT9M034 ONSEMI-MT9M034_17 Datasheet
358Kb / 39P
   1/3-Inch CMOS Digital Image Sensor
May, 2017 ??Rev. 9
MT9M021-31 ONSEMI-MT9M021-31 Datasheet
873Kb / 34P
   1/3-Inch CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9V032 ONSEMI-MT9V032 Datasheet
1Mb / 74P
   Inch Wide-VGA CMOS Digital Image Sensor
Rev. G 6/15 EN
MT9V032 ONSEMI-MT9V032_17 Datasheet
371Kb / 61P
   1/3?륤nch Wide VGA CMOS Digital Image Sensor
May, 2017 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com