データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MT9V024 データシート(PDF) 17 Page - ON Semiconductor

部品番号 MT9V024
部品情報  1/3-Inch Wide VGA CMOS Digital Image Sensor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V024 データシート(HTML) 17 Page - ON Semiconductor

Back Button MT9V024_17 Datasheet HTML 13Page - ON Semiconductor MT9V024_17 Datasheet HTML 14Page - ON Semiconductor MT9V024_17 Datasheet HTML 15Page - ON Semiconductor MT9V024_17 Datasheet HTML 16Page - ON Semiconductor MT9V024_17 Datasheet HTML 17Page - ON Semiconductor MT9V024_17 Datasheet HTML 18Page - ON Semiconductor MT9V024_17 Datasheet HTML 19Page - ON Semiconductor MT9V024_17 Datasheet HTML 20Page - ON Semiconductor MT9V024_17 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
MT9V024/D
www.onsemi.com
17
The values programmed in the window height and width
registers are the exact window height and width out of the
sensor. The window start value should never be set below
four.
To read out the dark rows set bit 6 of R0x0D. In addition,
bit 7 of R0x0D can be used to display the dark columns in
the image. Note that there are Show Dark settings only for
context A.
BLANKING CONTROL
Horizontal blank and vertical blank registers R0x05 and
R0x06 (B: 0xCD and R0xCE), respectively, control the
blanking time in a row (horizontal blanking) and between
frames (vertical blanking).
Horizontal blanking is specified in terms of pixel
clocks.
Vertical blanking is specified in terms of numbers of
rows.
The actual imager timing can be calculated using Table 2
and Table 3, which describe “Row Timing and FV/LV
signals.” The minimum number of vertical blank rows is 4.
PIXEL INTEGRATION CONTROL
Total Integration
Total integration time is the result of coarse shutter width
and fine shutter width registers, and depends also on whether
manual or automatic exposure is selected.
The actual total integration time, tINT is defined as:
tINT + tINTCoarse ) tINTint
(eq. 1)
= (number of rows of integration × row time)
+ (number of pixels of integration × pixel time)
where:
Number of Rows of Integration
(Auto Exposure Control: Enabled)
When automatic exposure control (AEC) is enabled, the
number of rows of integration may vary from frame to
frame, with the limits controlled by R0xAC (minimum
coarse shutter width) and R0xAD (maximum coarse
shutter width).
Number of Rows of Integration
(Auto Exposure Control: Disabled)
If AEC is disabled, the number of rows of integration
equals the value in R0x0B. or
If context B is enabled, the number of rows of integration
equals the value in R0xD2.
Number of pixels of Integration
The number of fine shutter width pixels is independent
of AEC mode (enabled or disabled):
Context A: the number of pixels of integration
equals the values in R0xD5.
Context B: the number of pixels of integration
equals the value in R0xD8.
Row Timing
Context A:
Row time + (R0x04 ) R0x05)master clock periods
(eq. 2)
Context B:
Row time + (R0xCC ) R0xCD) master clock periods (eq. 3)
Typically, the value of the Coarse Shutter Width Total
registers is limited to the number of rows per frame (which
includes vertical blanking rows), such that the frame rate is
not affected by the integration time. If the Coarse Shutter
Width Total is increased beyond the total number of rows per
frame, the user must add additional blanking rows using the
Vertical Blanking registers as needed. See descriptions of
the Vertical Blanking registers, R0x06 and R0xCE in
Table 1and Table 2 of the MT9V024 register reference.
A second constraint is that tINT must be adjusted to avoid
banding in the image from light flicker. Under 60Hz flicker,
this means the frame time must be a multiple of 1/120 of
a second. Under 50Hz flicker, the frame time must be
a multiple of 1/100 of a second.
Changes to Integration Time
With automatic exposure control disabled (R0xAF[0] for
context A, or R0xAF[8] for context B) and if the total
integration time (R0x0B or R0xD2) is changed through the
two−wire serial interface while FV is asserted for frame n,
the first frame output using the new integration time is frame
(n + 2). Similarly, when automatic exposure control is
enabled, any change to the integration time for frame n first
appears in frame (n + 2) output. Additional details on this
latency can be found in AND9251/D − Latency of Exposure
or Gain Switch.


同様の部品番号 - MT9V024_17

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MT9V024D ONSEMI-MT9V024D Datasheet
704Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
MT9V024D00XTCC13CC1-200 ONSEMI-MT9V024D00XTCC13CC1-200 Datasheet
1Mb / 62P
   Wide-VGA CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9V024D00XTCC13CC1-200 ONSEMI-MT9V024D00XTCC13CC1-200 Datasheet
704Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
MT9V024D00XTMC13CC1-200 ONSEMI-MT9V024D00XTMC13CC1-200 Datasheet
1Mb / 62P
   Wide-VGA CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9V024D00XTMC13CC1-200 ONSEMI-MT9V024D00XTMC13CC1-200 Datasheet
704Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
More results

同様の説明 - MT9V024_17

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MT9V024 ONSEMI-MT9V024_V01 Datasheet
704Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
MT9V032 ONSEMI-MT9V032 Datasheet
1Mb / 74P
   Inch Wide-VGA CMOS Digital Image Sensor
Rev. G 6/15 EN
MT9V032 ONSEMI-MT9V032_17 Datasheet
371Kb / 61P
   1/3?륤nch Wide VGA CMOS Digital Image Sensor
May, 2017 ??Rev. 7
logo
Leopard Imaging Inc.
LI-V024M-MIPI-IPEX30 LEOPARD-LI-V024M-MIPI-IPEX30 Datasheet
1,004Kb / 6P
   Aptina 1/3 Wide-VGA CMOS Digital Image Sensor
logo
ON Semiconductor
MT9V022 ONSEMI-MT9V022_V01 Datasheet
880Kb / 39P
   MT9V022 1/3?륤nch Wide VGA CMOS Digital Image Sensor
October, 2018 ??Rev. 7
MT9V024 ONSEMI-MT9V024 Datasheet
1Mb / 62P
   Wide-VGA CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9V022 ONSEMI-MT9V022 Datasheet
1Mb / 58P
   Wide-VGA CMOS Digital Image Sensor
Rev. L 6/15 EN
MT9V023 ONSEMI-MT9V023 Datasheet
1Mb / 59P
   Wide-VGA CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
MT9V034 ONSEMI-MT9V034 Datasheet
1Mb / 62P
   Wide-VGA CMOS Digital Image Sensor
Rev.G Pub. 4/15 EN
MT9V023 ONSEMI-MT9V023_17 Datasheet
381Kb / 43P
   1/3-Inch Wide?륷GA CMOS Digital Image Sensor
January, 2017 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com