データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PE3C4484 データシート(PDF) 3 Page - Pasternack Enterprises, Inc.

部品番号 PE3C4484
部品情報  RF Cable Assemblies Technical Data Sheet
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PASTERNACK [Pasternack Enterprises, Inc.]
ホームページ  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C4484 データシート(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3C4484 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C4484 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C4484 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C4484 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C4484 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Connectors
Description
Connector 1
Connector 2
Type
SMA Male
SSMC Plug Right Angle
Impedance
50 Ohms
50 Ohms
Mating Cycles
500
Contact Material and Plating
Brass, Gold over Nickel
Beryllium Copper, Gold
Contact Plating Specification
MIL-G-45204
Dielectric Type
PTFE
Teflon
Body Material and Plating
Brass, Gold over Nickel
Brass, Gold
Body Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Passivated Stainless Steel
Beryllium Copper, Gold
Coupling Nut Plating Specification
MIL-G-45204
Hex Size
5/16 inch
Torque
8 in-lbs [0.9 Nm]
1.75 in-lbs [0.2 Nm]
.
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
PE3C4484 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SSMC Plug Right Angle Cable Using PE-SR405FLJ Coax PE3C4484
RF Cable Assemblies Technical Data Sheet
SMA Male to SSMC Plug Right Angle
Cable Using PE-SR405FLJ Coax
PE3C4484


同様の部品番号 - PE3C4484

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE3C4484-12 PASTERNACK-PE3C4484-12 Datasheet
460Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4484-24 PASTERNACK-PE3C4484-24 Datasheet
460Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4484-48 PASTERNACK-PE3C4484-48 Datasheet
460Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4484-6 PASTERNACK-PE3C4484-6 Datasheet
460Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4484-60 PASTERNACK-PE3C4484-60 Datasheet
461Kb / 5P
   RF Cable Assemblies Technical Data Sheet
More results

同様の説明 - PE3C4484

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE3C4465-48 PASTERNACK-PE3C4465-48 Datasheet
449Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4481-6 PASTERNACK-PE3C4481-6 Datasheet
462Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4485-24 PASTERNACK-PE3C4485-24 Datasheet
465Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4488 PASTERNACK-PE3C4488 Datasheet
465Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4488-6 PASTERNACK-PE3C4488-6 Datasheet
466Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3CA1037-24 PASTERNACK-PE3CA1037-24 Datasheet
473Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1038-12 PASTERNACK-PE3CA1038-12 Datasheet
470Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1039-50CM PASTERNACK-PE3CA1039-50CM Datasheet
472Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1041-50CM PASTERNACK-PE3CA1041-50CM Datasheet
485Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1042-100CM PASTERNACK-PE3CA1042-100CM Datasheet
480Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1045-24 PASTERNACK-PE3CA1045-24 Datasheet
459Kb / 6P
   RF Cable Assemblies Technical Data Sheet
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com