データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PE3956-72 データシート(PDF) 3 Page - Pasternack Enterprises, Inc.

部品番号 PE3956-72
部品情報  SMA Male to SMA Female Bulkhead Cable 72 Inch Length
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PASTERNACK [Pasternack Enterprises, Inc.]
ホームページ  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3956-72 データシート(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3956-72 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3956-72 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3956-72 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3956-72 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
How to Order
Part Number Configuration:
PE3956
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3956-12 = 12 inches long cable
PE3956-100cm = 100 cm long cable
SMA Male to SMA Female Bulkhead Cable 72 Inch Length Using RG58 Coax from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99.4%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Female Bulkhead Cable 72 Inch Length Using RG58 Coax PE3956-72
URL: https://www.pasternack.com/sma-male-sma-female-rg58cu-cable-assembly-pe3956-72-p.aspx
PE3956-72 REV 1.1
RF Cable Assemblies Technical Data Sheet
SMA Male to SMA Female Bulkhead Cable
72 Inch Length Using RG58 Coax
PE3956-72


同様の部品番号 - PE3956-72

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE3956-12 PASTERNACK-PE3956-12 Datasheet
375Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 12 Inch Length
PE3956-18 PASTERNACK-PE3956-18 Datasheet
375Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 18 Inch Length
PE3956-24 PASTERNACK-PE3956-24 Datasheet
375Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 24 Inch Length
PE3956-36 PASTERNACK-PE3956-36 Datasheet
375Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 36 Inch Length
PE3956-48 PASTERNACK-PE3956-48 Datasheet
375Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 48 Inch Length
More results

同様の説明 - PE3956-72

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE3835LF-72 PASTERNACK-PE3835LF-72 Datasheet
660Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 72 Inch Length
PE3835-72 PASTERNACK-PE3835-72 Datasheet
655Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 72 Inch Length
PE3836-72 PASTERNACK-PE3836-72 Datasheet
659Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 72 Inch Length
PE3836LF-72 PASTERNACK-PE3836LF-72 Datasheet
665Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable 72 Inch Length
PE3832-72 PASTERNACK-PE3832-72 Datasheet
346Kb / 4P
   SMA Male to SMA Female Cable 72 Inch Length
PE3835-18 PASTERNACK-PE3835-18 Datasheet
654Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 12 Inch Length
PE3835LF-24 PASTERNACK-PE3835LF-24 Datasheet
660Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 24 Inch Length
PE3956-6 PASTERNACK-PE3956-6 Datasheet
375Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 6 Inch Length
PE3835-12 PASTERNACK-PE3835-12 Datasheet
654Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 12 Inch Length
PE3835-48 PASTERNACK-PE3835-48 Datasheet
656Kb / 4P
   SMA Male to SMA Female Bulkhead Cable 48 Inch Length
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com