データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9925 データシート(PDF) 60 Page - Analog Devices

部品番号 AD9925
部品情報  CCD Signal Processor with Vertical Driver and Precision Timing Generator
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9925 データシート(HTML) 60 Page - Analog Devices

Back Button AD9925 Datasheet HTML 56Page - Analog Devices AD9925 Datasheet HTML 57Page - Analog Devices AD9925 Datasheet HTML 58Page - Analog Devices AD9925 Datasheet HTML 59Page - Analog Devices AD9925 Datasheet HTML 60Page - Analog Devices AD9925 Datasheet HTML 61Page - Analog Devices AD9925 Datasheet HTML 62Page - Analog Devices AD9925 Datasheet HTML 63Page - Analog Devices AD9925 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 96 page
background image
AD9925
Rev. A | Page 60 of 96
2, and BANK 3
2
i
dif
anks, r
ed to as Register
nk 1, Register B
ster Ba
. Figure 76 illust
s how the three
ed. Re
ank 1 and Ba
re backward
le
with the AD
gisters. Regi
Bank 1 contain
s-
the
iscellaneous
ctions, VD/HD
ters,
ming core, CLPOB masking, VSG patterns, and shutter func-
information for the
eld i
ster Ba
contains new reg
r accessing
functi
ty. These additio
outputs allow th
5 to
support ne
Ds that requir
-phases of verti
writ
the AD9925, A
0x7F is used to
which addr
k is being writ
. To write to
data value
ritten. To wri
Bank 2, a data
ten. To
o Bank 3, a da
alue of 2 is writ
Note that Register Bank 1 contains many unused addresses.
s between Addr 0x00 and Addr 0x7F are
these addresses
register write opera-
ed addresses above 0x7F must not be
may not operate properly. The excep-
registers 0xE7, 0xEB, and 0xF2 through
0xF6, which may be written as specified on Page 43.
Default values for Register Bank 2 and Bank 3 are undefined after
ate values should be written into these regis-
plications where the
Bank 3 registers should
known values to prevent unpredict-
ver circuit.
Register Address BANK 1, BANK
The AD99 5 address space is d vided into three
ferent regis-
ter b
eferr
Ba
ank 2, and
Regi
nk 3
rate
banks are
divid
gister B
9995 re
nk 2 a
ster
compatib
s the regi
ters for
AFE, m
fun
parame
ti
tions. Register Bank 2 contains all of the
vertical pattern groups, vertical sequences, and fi
nformation.
Regi
nk 3
isters fo
the XV7 and
XV8
onali
wer CC
nal
e 8
e AD992
cal clocking.
When
ing to
ess ban
of 0 is w
ddr
ten to
te to
specify
Bank 1, a
value of 1 is
writ
write t
ta v
ten.
Undefined addresse
considered Don’t Cares, and it is acceptable if
are filled in with all 0s during a continuous
tion. However, the undefin
written to, or the AD9925
tions are the FG_TRIG
power-up. Appropri
ter banks to ensure proper operation. In ap
XV7 and XV8 signals are not used, the
still be programmed with
able behavior in the V-dri
AFE REGISTERS
SWITCH TO
REGISTER BANK 2, BANK 3
REGISTER BANK 1
ADDR 0x00
ADDR
MISCELLANEOUS REGISTERS
VD/HD REGISTERS
TIMING CORE REGISTERS
CLPOB MASK REGISTERS
VSG PATTERN REGISTERS
SHUTTER REGISTERS
ADDR
ADDR 0x20
ADDR 0x30
ADDR 0x40
ADDR 0x50
ADDR 0x60
0x7F
0x10
VPAT0 TO VPAT9 REGISTERS
XV1 TO X
SWI
REGISTER B
REGISTE
ADDR 0x00
VSEQ0 TO VSEQ9 REGISTERS
XV1 TO X
LD 0 TO FI
ADDR 0x7F
ADDR 0x80
ADD
ADD
ADDR 0x7E
ADD
W
ESS 0x7F
ADDR
ADDR 0x8F
FOR
V6 SIGNALS
TCH TO
ANK 1, BANK 3
FOR
V6 SIGNALS
R BANK 2
FIE
R 0xFF
ELD 5 REGISTERS
R 0xD0
R 0xCF
RITE TO ADDR
TO SWITCH REGISTER BANKS
0xFF
INVALID, DO NOT ACCESS
VPAT0 TO VPAT9 REGISTERS
FOR
XV7, XV8 SIGNALS
VSEQ0 TO VSEQ9 REGISTERS
FOR
XV7, XV8 SIGNALS
ADDR 0x77
ADDR 0x50
F
ADDR 0x4F
ADDR 0x7F
REGISTER BANK 3
ADDR 0x00
ADDR 0xF
INVALID, DO NOT ACCESS
SWITCH TO
REGISTER BANK 2, BANK 3
Figure 76.
Regi
Layout of Internal
ster Bank 1, Bank 2, and Bank 3


同様の部品番号 - AD9925

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9925 AD-AD9925_15 Datasheet
1Mb / 96P
   CCD Signal Processor with Vertical Driver and Precision Timing Generator
REV. A
More results

同様の説明 - AD9925

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9925 AD-AD9925_15 Datasheet
1Mb / 96P
   CCD Signal Processor with Vertical Driver and Precision Timing Generator
REV. A
AD9923A AD-AD9923A Datasheet
1Mb / 88P
   CCD Signal Processor with V-Driver and Precision Timing??Generator
REV. 0
AD9923A AD-AD9923A_15 Datasheet
1Mb / 84P
   CCD Signal Processor with V-Driver and Precision Timing Generator
REV. A
AD9937 AD-AD9937_15 Datasheet
416Kb / 44P
   CCD Signal Processor with Precision Timing Generator
REV. 0
AD9929 AD-AD9929_15 Datasheet
564Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
AD9898 AD-AD9898_15 Datasheet
562Kb / 52P
   CCD Signal Processor with Precision Timing Generator
REV. 0
AD9898 AD-AD9898 Datasheet
518Kb / 52P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
AD9937 AD-AD9937 Datasheet
399Kb / 44P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
AD9929 AD-AD9929 Datasheet
558Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
AD9920ABBCZ AD-AD9920ABBCZ Datasheet
1Mb / 112P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com