データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9925 データシート(PDF) 66 Page - Analog Devices

部品番号 AD9925
部品情報  CCD Signal Processor with Vertical Driver and Precision Timing Generator
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9925 データシート(HTML) 66 Page - Analog Devices

Back Button AD9925 Datasheet HTML 62Page - Analog Devices AD9925 Datasheet HTML 63Page - Analog Devices AD9925 Datasheet HTML 64Page - Analog Devices AD9925 Datasheet HTML 65Page - Analog Devices AD9925 Datasheet HTML 66Page - Analog Devices AD9925 Datasheet HTML 67Page - Analog Devices AD9925 Datasheet HTML 68Page - Analog Devices AD9925 Datasheet HTML 69Page - Analog Devices AD9925 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 96 page
background image
AD9925
Rev. A | Page 66 of 96
K 2
ertical
n group and v
l sequence re
SCP upda
are undefin
Table 47. Vertical Pattern Group 0 (VPAT0) Regi
Address
Data Bit Content
Default Value
Register Name
COMPLETE LISTING FOR REGISTER BAN
All v
patter
ed.
ertica
gisters are
ster Map
ted, and all field registers are VD updated. Default register values
Register Description
00
[5:0]
[11:6]
[23:12]
X
X
X
VPOL_0
UNUSED
VPATLEN_0
VPAT0 Start Polarity. XV1
Unused.
[0], XV2[1], XV3[2], XV4[3], XV5[4], XV6[5].
using VPAT0 as a second vertical
ive line, this value is the start position for
Total Length of VPAT0. Note: If
sequence in the VSG act
the second vertical sequence.
01
[11:0]
[23:12]
X
X
XV1TOG1_0
XV1TOG2_0
XV1 Toggle Position 1.
XV1 Toggle Position 2.
02
[11:0]
[23:12]
X
X
XV1TOG3_0
XV2TOG1_0
XV1 Toggle Position 3.
XV2 Toggle Position 1.
03
[11:0]
[23:12]
X
X
XV2TOG2_0
XV2TOG3_0
XV2 Toggle Position 2.
XV2 Toggle Position 3.
04
[11:0]
[23:12]
X
X
XV3TOG1_0
XV3TOG2_0
XV3 Toggle Position 1.
XV3 Toggle Position 2.
05
[11:0]
[23:12]
X
X
XV3TOG3_0
XV4TOG1_0
XV3 Toggle Position 3.
XV4 Toggle Position 1.
06
[11:0]
[23:12]
X
X
XV4TOG2_0
XV4TOG3_0
XV4 Toggle Position 2.
XV4 Toggle Position 3.
07
[11:0]
[23:12]
X
X
XV5TOG1_0
XV5TOG2_0
XV5 Toggle Position 1.
XV5 Toggle Position 2.
08
[11:0]
[23:12]
X
X
XV5TOG3_0
XV6TOG1_0
XV5 Toggle Position 3.
XV6 Toggle Position 1.
09
[11:0]
[23:12]
X
X
XV6TOG2_0
XV6TOG3_0
XV6 Toggle Position 2.
XV6 Toggle Position 3.
0A
[11:0]
[23:12]
X
X
FREEZE1_0
RESUME1_0
XV1 to XV6 Freeze Position 1.
XV1 to XV6 Resume Position 1.
0B
[11:0]
[23:12]
X
X
FREEZE2_0
RESUME2_0
XV1 to XV6 Freeze Position 2.
XV1 to XV6 Resume Position 2.


同様の部品番号 - AD9925

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9925 AD-AD9925_15 Datasheet
1Mb / 96P
   CCD Signal Processor with Vertical Driver and Precision Timing Generator
REV. A
More results

同様の説明 - AD9925

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9925 AD-AD9925_15 Datasheet
1Mb / 96P
   CCD Signal Processor with Vertical Driver and Precision Timing Generator
REV. A
AD9923A AD-AD9923A Datasheet
1Mb / 88P
   CCD Signal Processor with V-Driver and Precision Timing??Generator
REV. 0
AD9923A AD-AD9923A_15 Datasheet
1Mb / 84P
   CCD Signal Processor with V-Driver and Precision Timing Generator
REV. A
AD9937 AD-AD9937_15 Datasheet
416Kb / 44P
   CCD Signal Processor with Precision Timing Generator
REV. 0
AD9929 AD-AD9929_15 Datasheet
564Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
AD9898 AD-AD9898_15 Datasheet
562Kb / 52P
   CCD Signal Processor with Precision Timing Generator
REV. 0
AD9898 AD-AD9898 Datasheet
518Kb / 52P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
AD9937 AD-AD9937 Datasheet
399Kb / 44P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
AD9929 AD-AD9929 Datasheet
558Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
AD9920ABBCZ AD-AD9920ABBCZ Datasheet
1Mb / 112P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com