データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9925 データシート(PDF) 15 Page - Analog Devices

部品番号 AD9925
部品情報  CCD Signal Processor with Vertical Driver and Precision Timing Generator
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9925 データシート(HTML) 15 Page - Analog Devices

Back Button AD9925 Datasheet HTML 11Page - Analog Devices AD9925 Datasheet HTML 12Page - Analog Devices AD9925 Datasheet HTML 13Page - Analog Devices AD9925 Datasheet HTML 14Page - Analog Devices AD9925 Datasheet HTML 15Page - Analog Devices AD9925 Datasheet HTML 16Page - Analog Devices AD9925 Datasheet HTML 17Page - Analog Devices AD9925 Datasheet HTML 18Page - Analog Devices AD9925 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 96 page
background image
AD9925
Rev. A | Page 15 of 96
PRECISION TIMING HIGH SPEED TIMING GENERATION
The AD9925 generates high speed timing signals using the flexi-
ble Precision Timing core. This core is the foundation that gen-
erates the timing used for both the CCD and the AFE: the reset
gate (RG), horizontal drivers H1 to H4, and the SHP/SHD sample
clocks. The unique architecture provides precise control over
the horizontal CCD readout and the AFE correlated double sam-
pling, allowing the system designer to optimize image quality.
The high speed timing of the AD9925 operates the same in
either master or slave mode configuration. For more informa-
tion on synchronization and pipeline delays, see the Power-Up
and Synchronization section.
Timing Resolution
The Precision Timing core uses a 13 master clock input (CLI) as
a reference. This clock should be the same as the CCD pixel
clock frequency. Figure 17 illustrates how the internal timing
core divides the master clock period into 48 steps or edge posi-
tions. Using a 20 MHz CLI frequency, the edge resolution of the
Precision Timing core is 1 ns. If a 1× system clock is not avail-
able, it is also possible to use a 2× reference clock by program-
ming the CLIDIVIDE register (Addr x30). The AD9925 will
then internally divide the CLI frequency by two.
The AD9925 also includes a master clock output, CLO, which is
the inverse of CLI. This output can be used as a crystal driver. A
crystal can be placed between the CLI and CLO pins to generate
the master clock for the AD9925. For more information on
using a crystal, see Figure 72.
High Speed Clock Programmability
Figure 18 shows how the high speed clocks RG, H1 to H4, SHP,
and SHD are generated. The RG pulse has programmable rising
and falling edges and may be inverted using the polarity control.
The horizontal clocks, H1 and H3, have programmable rising
and falling edges and polarity control. The H2 and H4 clocks
are always inverses of H1 and H3, respectively. Table 8 summa-
rizes the high speed timing registers and their parameters.
Figure 19 shows the typical 2-phase H-clock arrangement in
which H3 and H4 are programmed for the same edge location
as H1 and H2.
The edge location registers are 6 bits wide, but there are only
48 valid edge locations available. Therefore, the register values
are mapped into four quadrants, with each quadrant containing
12 edge locations. Table 9 shows the correct register values for
the corresponding edge locations.
P[0]
P[48] = P[0]
P[12]
P[24]
P[36]
1 PIXEL
PERIOD
CLI
tCLIDLY
POSITION
NOTES
1. PIXEL CLOCK PERIOD IS DIVIDED INTO 48 POSITIONS, PROVIDING FINE EDGE RESOLUTION FOR HIGH SPEED CLOCKS.
2. THERE IS A FIXED DELAY FROM THE CLI INPUT TO THE INTERNAL PIXEL PERIOD POSITION (
tCLIDLY = 6ns TYP).
Figure 17. High Speed Clock Resolution from CLI Master Clock Input


同様の部品番号 - AD9925

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9925 AD-AD9925_15 Datasheet
1Mb / 96P
   CCD Signal Processor with Vertical Driver and Precision Timing Generator
REV. A
More results

同様の説明 - AD9925

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9925 AD-AD9925_15 Datasheet
1Mb / 96P
   CCD Signal Processor with Vertical Driver and Precision Timing Generator
REV. A
AD9923A AD-AD9923A Datasheet
1Mb / 88P
   CCD Signal Processor with V-Driver and Precision Timing??Generator
REV. 0
AD9923A AD-AD9923A_15 Datasheet
1Mb / 84P
   CCD Signal Processor with V-Driver and Precision Timing Generator
REV. A
AD9937 AD-AD9937_15 Datasheet
416Kb / 44P
   CCD Signal Processor with Precision Timing Generator
REV. 0
AD9929 AD-AD9929_15 Datasheet
564Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
AD9898 AD-AD9898_15 Datasheet
562Kb / 52P
   CCD Signal Processor with Precision Timing Generator
REV. 0
AD9898 AD-AD9898 Datasheet
518Kb / 52P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
AD9937 AD-AD9937 Datasheet
399Kb / 44P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
AD9929 AD-AD9929 Datasheet
558Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
AD9920ABBCZ AD-AD9920ABBCZ Datasheet
1Mb / 112P
   12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com