データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD12400JWS データシート(PDF) 5 Page - Analog Devices

部品番号 AD12400JWS
部品情報  12-Bit 400 MSPS A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD12400JWS データシート(HTML) 5 Page - Analog Devices

  AD12400JWS Datasheet HTML 1Page - Analog Devices AD12400JWS Datasheet HTML 2Page - Analog Devices AD12400JWS Datasheet HTML 3Page - Analog Devices AD12400JWS Datasheet HTML 4Page - Analog Devices AD12400JWS Datasheet HTML 5Page - Analog Devices AD12400JWS Datasheet HTML 6Page - Analog Devices AD12400JWS Datasheet HTML 7Page - Analog Devices AD12400JWS Datasheet HTML 8Page - Analog Devices AD12400JWS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD12400
Rev. 0 | Page 5 of 28
AD12400JWS
AD12400KWS
Parameter
Case Temp
Test Level
Min
Typ
Max
Min
Typ
Max
Unit
DR Propagation Delay (tEDR)
60°C
V
3.88
3.88
ns
Data to DR Skew (tEDR − tPD)
60°C
V
2.68
2.68
ns
Pipeline Latency7
Full
IV
40
40
Cycles
Aperture Delay (tA)
60°C
V
1.6
1.6
ns
Aperture Uncertainty (Jitter, tJ)
60°C
V
0.4
0.4
ps rms
1 All ac specifications tested with a single-ended 2.0 V p-p ENCODE.
2 Dynamic performance guaranteed for analog input frequencies of 10 MHz to 180 MHz.
3 Not including image spur.
4 Image spur will be at fs/2–AIN and the offset spur will be at fs/2.
5 F1 = 70 MHz, F2 = 73 MHz.
6 Parts are tested with 400 MSPS encode. Device can be clocked at lower encode rates, but specifications are not guaranteed. Specifications will be guaranteed by
design for encode 400 MSPS ± 1%.
7Pipeline latency will be exactly 40 cycles.
EXPLANATION OF TEST LEVELS
I
100% production tested.
II
100% production tested at 25°C and sample tested at specified temperatures.
III
Sample tested only.
IV
Parameter is guaranteed by design and characterization testing.
V
Parameter is a typical value only.
VI
100% production tested at 25°C; guaranteed by design and characterization testing for industrial temperature range; 100%
production tested at temperature extremes for military devices.


同様の部品番号 - AD12400JWS

メーカー部品番号データシート部品情報
logo
Analog Devices
AD12400 AD-AD12400 Datasheet
618Kb / 24P
   12-Bit, 400 MSPS A/D Converter
REV. A
AD12400 AD-AD12400_15 Datasheet
618Kb / 24P
   12-Bit, 400 MSPS A/D Converter
REV. A
More results

同様の説明 - AD12400JWS

メーカー部品番号データシート部品情報
logo
Analog Devices
AD12401 AD-AD12401 Datasheet
812Kb / 28P
   12-Bit, 400 MSPS A/D Converter
REV. A
AD12400 AD-AD12400_15 Datasheet
618Kb / 24P
   12-Bit, 400 MSPS A/D Converter
REV. A
AD12401 AD-AD12401_15 Datasheet
813Kb / 28P
   12-Bit, 400 MSPS A/D Converter
REV. A
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
   12-Bit, 65 MSPS A/D Converter
HI5808 INTERSIL-HI5808 Datasheet
115Kb / 12P
   12-Bit, 10 MSPS A/D Converter
logo
Analog Devices
AD9005B AD-AD9005B_15 Datasheet
170Kb / 8P
   12-Bit, 10 MSPS A/D Converter
REV. 0
logo
Intersil Corporation
HI5804 INTERSIL-HI5804 Datasheet
64Kb / 11P
   12-Bit, 5 MSPS A/D Converter
logo
Maxwell Technologies
9042 MAXWELL-9042 Datasheet
396Kb / 26P
   12-Bit, 41 MSPS A/D Converter
logo
Analog Devices
AD9034 AD-AD9034_15 Datasheet
1Mb / 11P
   12 BIT 20 MSPS A/D CONVERTER
REV. 0
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com