データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA7805 データシート(PDF) 15 Page - Fairchild Semiconductor

部品番号 KA7805
部品情報  3-Terminal 1A Positive Voltage Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7805 データシート(HTML) 15 Page - Fairchild Semiconductor

Back Button KA7805 Datasheet HTML 11Page - Fairchild Semiconductor KA7805 Datasheet HTML 12Page - Fairchild Semiconductor KA7805 Datasheet HTML 13Page - Fairchild Semiconductor KA7805 Datasheet HTML 14Page - Fairchild Semiconductor KA7805 Datasheet HTML 15Page - Fairchild Semiconductor KA7805 Datasheet HTML 16Page - Fairchild Semiconductor KA7805 Datasheet HTML 17Page - Fairchild Semiconductor KA7805 Datasheet HTML 18Page - Fairchild Semiconductor KA7805 Datasheet HTML 19Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
KA78XX/KA78XXA
15
Electrical Characteristics (KA7810A)
(Refer to the test circuits. 0oC < TJ < +125
oC, Io =1A, V I = 16V, C I=0.33
µF, C O=0.1µF, unless otherwise speci-
fied)
Note:
1. Load and line regulation are specified at constant junction temperature. Change in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
VO
TJ =+25°C
9.8
10
10.2
V
IO = 5mA to 1A, PO
≤ 15W
VI =12.8V to 25V
9.6
10
10.4
Line Regulation (Note1)
Regline
VI= 12.8V to 26V
IO = 500mA
-
8
100
mV
VI= 13V to 20V
-
4
50
TJ =+25 °C
VI= 12.5V to 25V
-
8
100
VI= 13V to 20V
-
3
50
Load Regulation (Note1)
Regload
TJ =+25 °C
IO = 5mA to 1.5A
-
12
100
mV
IO = 5mA to 1.0A
-
12
100
IO = 250mA to 750mA
-
5
50
Quiescent Current
IQ
TJ =+25 °C-
5.0
6.0
mA
Quiescent Current Change
∆IQ
VI = 13V to 26V, TJ=+25 °C-
-
0.5
mA
VI = 12.8V to 25V, IO = 500mA
-
-
0.8
IO = 5mA to 1.0A
-
-
0.5
Output Voltage Drift
∆V/∆T
IO = 5mA
-
-1.0
-
mV/ °C
Output Noise Voltage
VN
f = 10Hz to 100KHz
TA =+25 °C
-10
-
µV/Vo
Ripple Rejection
RR
f = 120Hz, IO = 500mA
VI = 14V to 24V
-62
-
dB
Dropout Voltage
VDrop
IO = 1A, TJ =+25°C-
2.0
-
V
Output Resistance
rO
f = 1KHz
-
17
-
m
Short Circuit Current
ISC
VI= 35V, TA =+25 °C
-
250
-
mA
Peak Current
IPK
TJ=+25 °C-
2.2
-
A


同様の部品番号 - KA7805

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA7805 FAIRCHILD-KA7805 Datasheet
232Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
TAITRON Components Inco...
KA7805 TAITRON-KA7805 Datasheet
75Kb / 1P
   Voltage Regulators
logo
Fairchild Semiconductor
KA7805A FAIRCHILD-KA7805A Datasheet
232Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
TAITRON Components Inco...
KA7805A TAITRON-KA7805A Datasheet
75Kb / 1P
   Voltage Regulators
logo
Fairchild Semiconductor
KA7805AE FAIRCHILD-KA7805AE Datasheet
254Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
More results

同様の説明 - KA7805

メーカー部品番号データシート部品情報
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com