データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N2982D データシート(PDF) 3 Page - Microsemi Corporation

部品番号 1N2982D
部品情報  10 WATT ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N2982D データシート(HTML) 3 Page - Microsemi Corporation

  1N2982D Datasheet HTML 1Page - Microsemi Corporation 1N2982D Datasheet HTML 2Page - Microsemi Corporation 1N2982D Datasheet HTML 3Page - Microsemi Corporation 1N2982D Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
10 WATT ZENER DIODES
SCOTTSD A L E DIVISION
1N2970 thru 1N3015B
and 1N3993 thru 1N4000A
NOTES: 1.
1N3993 - 1N4000 series: suffix A indicates +/-5% tolerance, no suffix indicates +/-10% tolerance. 1N2970 – 1N3015 series: suffix B
indicates +/- 5% tolerance, suffix A indicates +/-10%, no suffix indicates +/-20% tolerance. If tighter tolerance is required, consult
factory.
2.
The electrical characteristics are measured after allowing the device to stabilize for 90 seconds with 30
oC Base temperature.
3.
The zener impedance (ZZT) is derived from the 60 Hz ac voltage, which results when an ac current having an rms value equal to 10% of
the dc zener current (IZT or IZK) is superimposed on IZT or IZK. When making zener impedance measurements at the IZK test point, it may
be necessary to insert a 60 Hz band pass filter between the diode and voltmeter to avoid errors resulting from low level noise signals. A
curve showing the variation of zener impedance vs. zener current for three representative types is shown in Figures 2 and 3. Also see
Microsemi MicroNote 202.
4.
These values of IZM may be exceeded in the case of individual diodes. The values shown are calculated for the worst case that is a unit
of +/-5% tolerance at the high voltage end of its tolerance range. Allowance has also been made for the rise in zener voltage above VZT,
which results from zener impedance and the increase in junction temperature as power dissipation approaches 10 watts.
GRAPHS
FIGURE 1
Stud Temperature (
oC)
Power Derating Curve
FIGURE 2
FIGURE 3
Typical Zener Impedance vs. Zener Current
Typical Zener Impedance vs. Zener Current
For Types Shown
For Types Shown
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3
Copyright
 2003
11-12-2003 REV A


同様の部品番号 - 1N2982D

メーカー部品番号データシート部品情報
logo
Naina Semiconductor ltd...
1N2982 NAINA-1N2982 Datasheet
115Kb / 1P
   10 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N2982 NJSEMI-1N2982 Datasheet
291Kb / 2P
   ZENER DIODES
logo
America Semiconductor, ...
1N2982 AMERICASEMI-1N2982 Datasheet
1,019Kb / 2P
   10W Zener Diodes
1N2982 AMERICASEMI-1N2982 Datasheet
1Mb / 2P
   Glass passivated junction
logo
Naina Semiconductor ltd...
1N2982A NAINA-1N2982A Datasheet
115Kb / 1P
   10 WATT ZENER DIODES
More results

同様の説明 - 1N2982D

メーカー部品番号データシート部品情報
logo
Digitron Semiconductors
1N2970 DIGITRON-1N2970 Datasheet
184Kb / 3P
   10 WATT ZENER DIODES
logo
Naina Semiconductor ltd...
1N2970B NAINA-1N2970B Datasheet
115Kb / 1P
   10 WATT ZENER DIODES
logo
Microsemi Corporation
10EZ39 MICROSEMI-10EZ39 Datasheet
69Kb / 2P
   Silicon 10 WATT Zener Diodes
1N2971A MICROSEMI-1N2971A Datasheet
103Kb / 2P
   SILICON 10 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
10EZ3.9 NJSEMI-10EZ3.9 Datasheet
122Kb / 2P
   Silicon 10 WATT Zener Diodes
logo
Microsemi Corporation
1N2970 MICROSEMI-1N2970 Datasheet
103Kb / 2P
   Silicon 10 WATT Zener Diodes
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Compensated Deuices Inc...
1N6632US CDI-DIODE-1N6632US Datasheet
59Kb / 2P
   5 WATT ZENER DIODES
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com