データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IZ4436 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 IZ4436
部品情報  Intelligent 221-Bit EEPROM Counter for > 20000 Units with Security Logic and High Security Authentication
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

IZ4436 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  IZ4436 Datasheet HTML 1Page - List of Unclassifed Manufacturers IZ4436 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IZ4436
Electrical Characteristics
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Comments
Min.
Max.
Supply voltage
Input voltage
VCC
VI
-0.35
-0.35
7.0
7.0
V
V
-
-
Storage temperature
Tstg
-40
125
°C
Power dissipation
Ptot
40
mW
-
ESD protection
4000
V
Operating range
Parameter
Symbol
Limit Values
Unit
Test
Condition
Min.
Typ.
Max.
Supply voltage
VCC
4.5
5.0
5.5
V
Supply current
ICC
2.5
5.0
mA
VCC=5 V
Ambient temperature
TA
-35
80
°C
DC Characteristics
Parameter
Symbol
Limit Values
Unit
Test
Condition
Min.
Typ.
Max.
H-Input voltage (I/O, CLC, RST)
VIH
3.5
-
VCC
V-
L-Input voltage (I/O,CLC,RST)
VIL
0-
0.8
V
-
L-output voltage
VOL
--
0.5
V
IOL =0.5mA
(open drain)
H-leakage current
IOH
--
10
µA
VOH = VCC
(open drain)
AC Characteristics
Parameter
Symbol
Limit Values
Unit
Test
Condition
Min.
Typ.
Max.
CLC H-level
(set address)
tH
5-
-
µs
-
CLC L-level
(set address)
tL
5-
-
µs
-
CLC H-level (write)
tHW
5-
-
ms
VCC
≥4.5 V
tHW
3-
-
ms
5V
≤V
CC
≤5/5V


同様の部品番号 - IZ4436

メーカー部品番号データシート部品情報
logo
Integral Corp.
IZ44780 INTEGRAL-IZ44780 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IZ44780-00 INTEGRAL-IZ44780-00 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IZ44780-00 INTEGRAL-IZ44780-00 Datasheet
190Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IZ44780-01 INTEGRAL-IZ44780-01 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IZ44780-01 INTEGRAL-IZ44780-01 Datasheet
190Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
More results

同様の説明 - IZ4436

メーカー部品番号データシート部品情報
logo
KODENSHI_AUK CORP.
KKE4436 KODENSHI-KKE4436 Datasheet
175Kb / 2P
   Intelligent 221-Bit EEPROM Counter for > 20000 Units with Security Logic and High Security Authentication
logo
Texas Instruments
BQ26100 TI1-BQ26100_15 Datasheet
955Kb / 29P
[Old version datasheet]   Based Security and Authentication IC
BQ26150 TI-BQ26150 Datasheet
461Kb / 16P
[Old version datasheet]   BATTERY PACK SECURITY AND AUTHENTICATION IC FOR PORTABLE APPLICATIONS (bqSECURE)
logo
Infineon Technologies A...
SLE5542 INFINEON-SLE5542 Datasheet
128Kb / 6P
   Intelligent 256-Byte EEPROM with Write Protection function and Programmable Security Code
2006-05-19
logo
STMicroelectronics
STSAFE-A110 STMICROELECTRONICS-STSAFE-A110 Datasheet
619Kb / 36P
   Authentication, state-of-the-art security for peripherals and IoT devices
December 2019 Rev 1
logo
Texas Instruments
BQ26100 TI-BQ26100 Datasheet
408Kb / 22P
[Old version datasheet]   SHA-1/HMAC BASED SECURITY AND AUTHENTICATION IC WITH SDQ INTERFACE
logo
ATMEL Corporation
AT88SC1003 ATMEL-AT88SC1003 Datasheet
334Kb / 30P
   Security Logic with Three Application Zones
logo
STMicroelectronics
ST23YS02 STMICROELECTRONICS-ST23YS02 Datasheet
76Kb / 4P
   Smartcard MCU with enhanced security and 2 Kbytes high-density EEPROM
logo
Integrated Silicon Solu...
IS23SC4442 ISSI-IS23SC4442 Datasheet
136Kb / 21P
   256 BYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY
logo
Laird Tech Smart Techno...
ECCOSTOCK-SH LSTD-ECCOSTOCK-SH Datasheet
114Kb / 2P
   Security and Defense
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com