データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SDA9270 データシート(PDF) 11 Page - Siemens Semiconductor Group

部品番号 SDA9270
部品情報  ICs for Consumer Electronics
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SDA9270 データシート(HTML) 11 Page - Siemens Semiconductor Group

Back Button SDA9270 Datasheet HTML 7Page - Siemens Semiconductor Group SDA9270 Datasheet HTML 8Page - Siemens Semiconductor Group SDA9270 Datasheet HTML 9Page - Siemens Semiconductor Group SDA9270 Datasheet HTML 10Page - Siemens Semiconductor Group SDA9270 Datasheet HTML 11Page - Siemens Semiconductor Group SDA9270 Datasheet HTML 12Page - Siemens Semiconductor Group SDA9270 Datasheet HTML 13Page - Siemens Semiconductor Group SDA9270 Datasheet HTML 14Page - Siemens Semiconductor Group SDA9270 Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
SDA 9270
Semiconductor Group
11
2.3
Field Interpolation and Switching
In order to reduce the annoying line and edge flickering a frame rate upconversion is
implemented. The upconversion includes a combination of interpolation algorithms
which are determined via I2C-Bus and then selected automatically depending on the
picture motion content.
The field interpolation and switching block accepts at its input the data of the two
channels A and B, which are the combined luminance and chrominance information
respectively of the field A and the field B. The field rate is 100/120 Hz.
A fallback mode which corresponds to the operating mode AABB of the original
MEGAVISION system is made available. This mode is selected automatically in case of
non-standard input signals carrying unstable sync informations or it can be forced via
I2C-Bus.
2.4
Motion Detection
The motion detection output is switched in a 25/30 Hz frame synchronous raster. As
input signals for this block are accepted the luminance signal components of the input
channels A and B. By comparing the two fields the motion detector generates an
information about 3 possible motion content levels: LOW, MEDIUM and HIGH.
2.5
Field Memory Control
The Field Mixer SDA 9270 has to provide the two external field memories – composed
of TV-SAM SDA 9251 – with two pairs of control signals. One pair RENA and RENB
enables the MEGAVSION system to write the incoming field A and field B information
alternately into one field memory block and then into the other. A second pair of control
signals OEBA and OEBB enables alternately the output back channels of field memory
A and B for the noise reduction in the Picture Processor SDA 9290. Because of the
timing the serial address signals SAC and SAR generated by the MSC SDA 9220 must
be delayed by 4 SCAD-clock periods. This delay is implemented in the SDA 9270.
The Sync signals VS1 and BLN and the clock signal SCAD are used as timing reference
signals.
2.6
Frame Synchronization
In order to synchronize the data flows within field memories and Field Mixer and to
coordinate the signal information with the associated deflection control the Field Mixer
SDA 9270 has to generate 25 Hz picture frame sync signals.
One 25 Hz frame sync signal is necessary for generating the field memory control
signals RENA, RENB, OEBA, OEBB with a pattern repetition of 25 Hz each. This signal
is synchronized to the front end side video signal of the MEGAVISION block and uses
therefore as input signals the 50 Hz vertical sync signal VS1 generated by the MSC SDA
9220 and the horizontal blanking signal BLN.


同様の部品番号 - SDA9270

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
SDA9205-2 SIEMENS-SDA9205-2 Datasheet
567Kb / 31P
   Triple 8-Bit Analog-to-Digital-Converter
SDA9206 SIEMENS-SDA9206 Datasheet
256Kb / 54P
   ADC with Built in Antialiasing filter and Clock generation UnitS
SDA9220-5 SIEMENS-SDA9220-5 Datasheet
1Mb / 42P
   Memory Sync Controller III
SDA9251-2X SIEMENS-SDA9251-2X Datasheet
771Kb / 23P
   868352-Bit Dynamic Sequential Access Memory for Television Applications (TV-SAM)
SDA9253 SIEMENS-SDA9253 Datasheet
174Kb / 25P
   2.6 MBit Dynamic Sequential Access Memory for Television Applications (TV-SAM)
More results

同様の説明 - SDA9270

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
SDA9280 SIEMENS-SDA9280 Datasheet
249Kb / 43P
   ICs for Consumer Electronics
SDA525X-2 SIEMENS-SDA525X-2 Datasheet
147Kb / 23P
   ICs for Consumer Electronics
logo
Infineon Technologies A...
TDA16846 INFINEON-TDA16846 Datasheet
351Kb / 28P
   ICs for Consumer Electronics
2000-01-14
logo
Siemens Semiconductor G...
SDA5275P SIEMENS-SDA5275P Datasheet
142Kb / 30P
   ICs for Consumer Electronics MEGATEXT and MEGATEXT PLUS ICs
logo
Abracon Corporation
ASTMLP ABRACON-ASTMLP Datasheet
5Mb / 13P
   Consumer electronics
06.30.15
logo
Silicon Laboratories
EZR32HG320 SILABS-EZR32HG320 Datasheet
1Mb / 87P
   Consumer electronics
EZR32HG220 SILABS-EZR32HG220 Datasheet
1Mb / 86P
   Consumer electronics
logo
Analog Devices
ADV7613 AD-ADV7613 Datasheet
366Kb / 14P
   Integrated consumer electronics control
logo
Silicon Laboratories
SI4770-77-A20 SILABS-SI4770-77-A20 Datasheet
419Kb / 54P
   HIGH-PERFORMANCE CONSUMER ELECTRONICS
logo
Skyworks Solutions Inc.
SI4704-D50 SKYWORKS-SI4704-D50 Datasheet
385Kb / 33P
   BROADCAST FM RADIO RECEIVER FOR CONSUMER ELECTRONICS
Revision 0.2 to Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com