データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74SSTU32864ZKER データシート(PDF) 8 Page - Texas Instruments

部品番号 SN74SSTU32864ZKER
部品情報  25-BIT CONFIGURABLE REGISTERED BUFFER WITH SSTL_18 INPUTS AND OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74SSTU32864ZKER データシート(HTML) 8 Page - Texas Instruments

Back Button SN74SSTU32864ZKER Datasheet HTML 4Page - Texas Instruments SN74SSTU32864ZKER Datasheet HTML 5Page - Texas Instruments SN74SSTU32864ZKER Datasheet HTML 6Page - Texas Instruments SN74SSTU32864ZKER Datasheet HTML 7Page - Texas Instruments SN74SSTU32864ZKER Datasheet HTML 8Page - Texas Instruments SN74SSTU32864ZKER Datasheet HTML 9Page - Texas Instruments SN74SSTU32864ZKER Datasheet HTML 10Page - Texas Instruments SN74SSTU32864ZKER Datasheet HTML 11Page - Texas Instruments SN74SSTU32864ZKER Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SN74SSTU32864
25-BIT CONFIGURABLE REGISTERED BUFFER
WITH SSTL_18 INPUTS AND OUTPUTS
SCES434 – MARCH 2003
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TERMINAL FUNCTIONS
TERMINAL NAME
DESCRIPTION
ELECTRICAL
CHARACTERISTICS
GND
Ground
Ground input
VCC
Power-supply voltage
1.8 V nominal
VREF
Input reference voltage
0.9 V nominal
CLK
Positive master clock input
Differential input
CLK
Negative master clock input
Differential input
C0, C1
Configuration control inputs – Register A, Register B, 1:1, 1:2 select
LVCMOS inputs
RESET
Asynchronous reset input – resets registers and disables VREF data and clock
differential-input receivers
LVCMOS input
D1–D25
Data inputs – clocked in on the crossing of the rising edge of CLK and the falling edge of
CLK
SSTL_18 inputs
CSR, DCS
Chip select inputs – disables D1-D25† outputs switching when both inputs are high
SSTL_18 inputs
DODT
The outputs of this register bit will not be suspended by the DCS and CSR control.
SSTL_18 input
DCKE
The outputs of this register bit will not be suspended by the DCS and CSR control.
SSTL_18 input
Q1–Q25‡
Data outputs that are suspended by the DCS and CSR control
1.8 V CMOS outputs
QCS
Data output that will not be suspended by the DCS and CSR control
1.8 V CMOS output
QODT
Data output that will not be suspended by the DCS and CSR control
1.8 V CMOS output
QCKE
Data output that will not be suspended by the DCS and CSR control
1.8 V CMOS output
NC
No internal connection
DNU
Do not use – inputs are in standby-equivalent mode, and outputs are driven low.
† Data inputs = D2, D3, D5, D6, D8–D25 when C0 = 0 and C1 = 0
Data inputs = D2, D3 D5, D6, D8–D14 when C0 = 0 and C1 = 1
Data inputs = D1–D6, D8–D10, D12, D13 when C0 = 1 and C1 = 1.
‡ Data outputs = Q2, Q3, Q5, Q6, Q8–Q25 when C0 = 0 and C1 = 0
Data outputs = Q2, Q3 Q5, Q6, Q8–Q14 when C0 = 0 and C1 = 1
Data outputs = Q1–Q6, Q8–Q10, Q12, Q13 when C0 = 1 and C1 = 1.


同様の部品番号 - SN74SSTU32864ZKER

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74SSTU32864ZKER TI-SN74SSTU32864ZKER Datasheet
567Kb / 20P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH SSTL_18 INPUTS AND OUTPUTS
More results

同様の説明 - SN74SSTU32864ZKER

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74SSTU32864D TI-SN74SSTU32864D Datasheet
352Kb / 20P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH SSTL_18 INPUTS AND OUTPUTS
SN74SSTU32864 TI-SN74SSTU32864_V01 Datasheet
567Kb / 20P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH SSTL_18 INPUTS AND OUTPUTS
SN74SSTU32864C TI-SN74SSTU32864C Datasheet
304Kb / 18P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH SSTL 18 INPUTS AND OUTPUTS
74SSTUB32864A TI1-74SSTUB32864A Datasheet
519Kb / 19P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER
logo
Integrated Circuit Syst...
ICSSSTU32864 ICST-ICSSSTU32864 Datasheet
110Kb / 11P
   25-Bit Configurable Registered Buffer
logo
Texas Instruments
SN74SSTUB32864 TI-SN74SSTUB32864_V01 Datasheet
482Kb / 18P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER
SN74SSTUB32864 TI1-SN74SSTUB32864 Datasheet
482Kb / 18P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER
SN74SSTV16857 TI1-SN74SSTV16857_13 Datasheet
902Kb / 12P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV32877 TI1-SN74SSTV32877 Datasheet
392Kb / 12P
[Old version datasheet]   26-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV32867-EP TI1-SN74SSTV32867-EP Datasheet
359Kb / 11P
[Old version datasheet]   26-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND LVCMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com