データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTB7D0P03H8 データシート(PDF) 3 Page - Cystech Electonics Corp.

部品番号 MTB7D0P03H8
部品情報  P-Channel Enhancement Mode Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB7D0P03H8 データシート(HTML) 3 Page - Cystech Electonics Corp.

  MTB7D0P03H8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB7D0P03H8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB7D0P03H8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB7D0P03H8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB7D0P03H8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB7D0P03H8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB7D0P03H8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB7D0P03H8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB7D0P03H8 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CYStech Electronics Corp.
Spec. No. : C808H8
Issued Date : 2018.01.24
Revised Date :
Page No. : 3/ 11
MTB7D0P03H8
CYStek Product Specification
Dynamic *4
Ciss
-
3422
-
Coss
-
378
-
Crss
-
321
-
pF
VDS=-15V, VGS=0V, f=1MHz
Qg *1, 2
-
67
100.5
Qgs *1, 2
-
10.3
-
Qgd *1, 2
-
14.8
-
nC
VDS=-15V, VGS=-10V, ID=-15A
td(ON) *1, 2
-
17
25.5
tr
*1, 2
-
20.8
31.2
td(OFF) *1, 2
-
103.2
154.8
tf *1, 2
-
24.2
36.3
ns
VDS=-15V, ID=-15A, VGS=-10V,
RG=1Ω
Rg
-
4.7
-
Ω
f=1MHz
Source-Drain Diode
VSD *1
-
-0.82
-1.2
V
IS=-10A, VGS=0V
trr
-
18.8
-
ns
Qrr
-
12.6
-
nC
IF=-10A, dIF/dt=100A/μs
Note : *1.Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
*2.Independent of operating temperature
*3.Pulse width limited by maximum junction temperature.
*4.Guaranteed by design, not subject to production testing.
Recommended Soldering Footprint
unit : mm


同様の部品番号 - MTB7D0P03H8

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MTB7D0P03J3 CYSTEKEC-MTB7D0P03J3 Datasheet
464Kb / 9P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB7D0P03J3-0-T3-G CYSTEKEC-MTB7D0P03J3-0-T3-G Datasheet
464Kb / 9P
   P-Channel Logic Level Enhancement Mode Power MOSFET
More results

同様の説明 - MTB7D0P03H8

メーカー部品番号データシート部品情報
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com