データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST24D25-02 データシート(PDF) 2 Page - Teledyne Technologies Incorporated

部品番号 ST24D25-02
部品情報  Single Output to 75A 600 Vac
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TELEDYNE [Teledyne Technologies Incorporated]
ホームページ  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

ST24D25-02 データシート(HTML) 2 Page - Teledyne Technologies Incorporated

  ST24D25-02 Datasheet HTML 1Page - Teledyne Technologies Incorporated ST24D25-02 Datasheet HTML 2Page - Teledyne Technologies Incorporated ST24D25-02 Datasheet HTML 3Page - Teledyne Technologies Incorporated ST24D25-02 Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ST 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2003 TELEDYNE RELAYS
ST\032003\Q1
Series ST
INPUT (CONTROL) SPECIFICATION
Input Type
Min
Max
Units
Control Range
ST24
D
4
30
Vdc
A90
240
Vac/Vdc
ST48
D
5
30
Vdc
A1780Vac/Vdc
Input Current Range
ST24D
3
30
mA
ST24DXX-02
4
48
mA
ST24A
3
8
mA
ST48D
5
46
mA
ST48A25-22
5.6
26
mA
Must Turn-Off Voltage
ST
D
1
Vdc
ST24
A
15
Vac
ST48
A
3
Vac
Input Resistance (Typical)
ST
D
1000
Ohms
ST
D-02
600
Ohms
ST
A
3000
Ohms
Reverse Voltage Protection
SD
30
V
SA
NA
CONTROL CHARACTERISTICS
Figure 3a — ST24D relays
Figure 3b — ST -02 relays
Figure 3c — ST24A relays
Figure 3d — ST24A25-22
Control Voltage (V)
4
6
8
10
14
16
20
18
22
24
26
28
30
12
2
0
2
10 12 14
04
6
8
16 18
26 28 30
20 22 24
02
46
8 10 12 14 16 1820 2224 262830
0
5
10
15
20
25
30
35
40
45
50
Control Voltage (V)
Control Voltage (V)
4
6
8
2
0
20
100 120 140
040
60
80
160 180 200 220 240
Control Voltage (V)
0
010
20
30
40
506070
80
5
10
15
20
25
30
OUTPUT (LOAD) SPECIFICATION
Input Type
Min
Max
Units
Operating Range
ST24
12
280
Vrms
ST48
24
600
Vrms
Peak Voltage
ST24
600
Vpeak
ST48
1200
Vpeak
Load Current Range (Resistive)
12A output current
.005
12
Arms
25A output current
.005
25
Arms
40A output current
.005
40
Arms
50A output current
.005
50
Arms
75A output current
.005
75
Arms


同様の部品番号 - ST24D25-02

メーカー部品番号データシート部品情報
logo
Teledyne Technologies I...
ST24D25 TELEDYNE-ST24D25 Datasheet
672Kb / 3P
   Output to 50A, 600Vac DC Control Solid-State Relays
04/2018
More results

同様の説明 - ST24D25-02

メーカー部品番号データシート部品情報
logo
Teledyne Technologies I...
E3P48R50-16 TELEDYNE-E3P48R50-16 Datasheet
141Kb / 4P
   Three-Phase Output to 75A 600 Vac DC Control
SSH TELEDYNE-SSH Datasheet
859Kb / 5P
   Output to 75A, 510 Vac with Diagnostics
E3P2G48D25 TELEDYNE-E3P2G48D25 Datasheet
2Mb / 6P
   Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
SS24D50 TELEDYNE-SS24D50 Datasheet
441Kb / 4P
   Output to 75A, 510 Vac Solid-State Relay with Diagnostic
SD24R50-06 TELEDYNE-SD24R50-06 Datasheet
133Kb / 4P
   Dual Output to 50A 600 Vac DC Control
DH24D25 TELEDYNE-DH24D25 Datasheet
574Kb / 6P
   Output to 35A, 600 Vac (slimpac) Solid-State Relays
03/2014
logo
List of Unclassifed Man...
HA6025 ETC1-HA6025 Datasheet
84Kb / 3P
   25-125Amp 600 Vac AC Output
logo
Teledyne Technologies I...
S48D95 TELEDYNE-S48D95 Datasheet
370Kb / 5P
   Single Output to 660 Vac AC/DC Control
L24D25C TELEDYNE-L24D25C Datasheet
70Kb / 2P
   Single Output to 25A, 280 Vac DC control
S24D40 TELEDYNE-S24D40 Datasheet
578Kb / 6P
   Single Output to 660 Vac AC/DC Control
04/2023
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com