データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA2154AFN データシート(PDF) 8 Page - Toshiba Semiconductor

部品番号 TA2154AFN
部品情報  1.5 V 1 Chip Tuner IC (for Digital Tuning System)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2154AFN データシート(HTML) 8 Page - Toshiba Semiconductor

Back Button TA2154AFN Datasheet HTML 4Page - Toshiba Semiconductor TA2154AFN Datasheet HTML 5Page - Toshiba Semiconductor TA2154AFN Datasheet HTML 6Page - Toshiba Semiconductor TA2154AFN Datasheet HTML 7Page - Toshiba Semiconductor TA2154AFN Datasheet HTML 8Page - Toshiba Semiconductor TA2154AFN Datasheet HTML 9Page - Toshiba Semiconductor TA2154AFN Datasheet HTML 10Page - Toshiba Semiconductor TA2154AFN Datasheet HTML 11Page - Toshiba Semiconductor TA2154AFN Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TA2154AFN
2002-10-21
8
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
4.5
V
Power dissipation
PD (Note 2)
550
mW
Operating temperature
Topr
-10~60
°C
Storage temperature
Tstg
-55~150
°C
Note 2: Derated above Ta
= 25°C in the proportion of 4.4 mW/°C.
Electrical Characteristics
Unless otherwise specified
: VCC
==== 1.2 V, Ta ==== 25°C, FM F/E: f ==== 98 MHz, fm ==== 1 kHz, DDDDf ==== ±±±±75 kHz, Vin ==== 60dBmmmmV EMF
FM IF: f
==== 10.7 MHz, fm ==== 1 kHz, DDDDf ==== ±±±±75 kHz, Vin ==== 80dBmmmmV EMF
AM:
f
==== 1000 kHz, fm ==== 1 kHz, MOD ==== 30%, Vin ==== 60dBmmmmV EMF
MPX: fm
==== 1 kHz, fp ==== 19 kHz
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
ICC1
¾
PW SW off
20
mA
ICC2
¾
AM mode, Vin = 0
5.0
7
ICC3
¾
FM mode, Vin = 0
13.0
17
Supply current
ICC4
¾
TV mode, Vin = 0
13.5
17
mA
Input limiting voltage
Vin (lim)
¾
Point where detection output is
-3dB with Vin = 60dBmV EMF
as reference
¾
12
¾
dB
mV
EMF
FM
F/E
Local OSC buffer output
voltage
Vosc
(Buff) FM
¾
fosc = 6.79375 MHz
(217.4 MHz divided by 32)
150
200
¾
mVp-p
Input limiting voltage
Vin (lim)
¾
Point where detection output is
-3dB with Vin = 60dBmV EMF
as reference
14
dB
mV
EMF
TV
F/E
Local oscillator buffer output
Vosc
(Buff) TV
¾
fosc = 26.3375 MHz
(210.7 MHz divided by 8)
150
200
mVp-p
Input limiting voltage
Vin (lim)
¾
Point where detection output is
-3dB with Vin = 80dBmV EMF
as reference
37
42
47
dB
mV
EMF
Recovered output voltage
VOD (FM)
¾
¾
115
140
180
mVrms
Signal to noise ratio 1
S/N (FM)
¾
¾
¾
73
¾
dB
Total harmonic distortion 1
THD (FM)
¾
¾
¾
0.2
¾
%
AM rejection ration
AMR (FM)
¾
MOD
= 30%
¾
62
¾
dB
IF count output voltage
VIF (FM)
¾
¾
150
190
¾
mVp-p
FM
IF
IF count sensitivity
IFSENS (FM)
¾
RSEN = 3.3 kW
48
53
58
dB
mV
EMF
Gain
Gv
¾
Vin = 32dBmV EMF
19
29
51
mVrms
Recovered output voltage
VOD (AM)
¾
¾
27
40
54
mVrms
Signal to noise ratio 2
S/N (AM)
¾
¾
¾
37
¾
dB
Total harmonic distortion 2
THD (AM)
¾
¾
¾
13
¾
%
Local OSC buffer output
voltage
Vosc
(Buff) AM
¾
fosc = 14.5 MHz
130
180
¾
mVp-p
IF count output voltage
VIF (AM)
¾
¾
140
180
¾
mVp-p
AM
IF count sensitivity
IFSENS (AM)
¾
RSEN = 3.3 kW
27
32
37
dB
mV
EMF


同様の部品番号 - TA2154AFN

メーカー部品番号データシート部品情報
logo
TAI-SAW TECHNOLOGY CO.,...
TA2154A TAI-SAW-TA2154A Datasheet
669Kb / 7P
   SAW Filter 1588.655 MHz (BW 34.47Hz) SMD 1.1x0.9x0.5mm
More results

同様の説明 - TA2154AFN

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA2149BN TOSHIBA-TA2149BN Datasheet
243Kb / 15P
   3 V AM/FM 1 Chip Tuner IC (for Digital Tuning System)
TA2104BN TOSHIBA-TA2104BN Datasheet
629Kb / 16P
   3V AM/FM 1 CHIP TUNER IC (FOR DIGITAL TUNING SYSTEM)
TA2008ANG TOSHIBA-TA2008ANG Datasheet
638Kb / 13P
   5V AM / FM 1 Chip Tuner IC (for digital tuning system)
TA2008AN TOSHIBA-TA2008AN Datasheet
422Kb / 12P
   5V AM/FM 1 CHIP TUNER IC (FOR DIGITAL TUNING SYSTEM)
TA2008AN TOSHIBA-TA2008AN_02 Datasheet
741Kb / 13P
   5V AM / FM 1 Chip Tuner IC (for digital tuning system)
logo
Silan Microelectronics ...
SA2104 SILAN-SA2104 Datasheet
422Kb / 12P
   3V AM/FMMPX TUNER IC(FOR DIGITAL TUNING SYSTEM)
SA1140 SILAN-SA1140 Datasheet
424Kb / 6P
   FM RADIO IC FOR DIGITAL TUNING SYSTEM
SA1135 SILAN-SA1135 Datasheet
236Kb / 7P
   AM RADIO IC FOR DIGITAL TUNING SYSTEM
logo
Sanyo Semicon Device
LV23100V SANYO-LV23100V Datasheet
317Kb / 12P
   For Portable Audio System 1-chip Tuner IC Incorporating PLL
LV23401V SANYO-LV23401V Datasheet
601Kb / 24P
   For Home Stereo System 1-chip Tuner IC Incorporating PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com