データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC58FVB160AFT-10 データシート(PDF) 11 Page - Toshiba Semiconductor

部品番号 TC58FVB160AFT-10
部品情報  16-MBIT (2M x 8 BITS / 1M x 16 BITS) CMOS FLASH MEMORY
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVB160AFT-10 データシート(HTML) 11 Page - Toshiba Semiconductor

Back Button TC58FVB160AFT-10 Datasheet HTML 7Page - Toshiba Semiconductor TC58FVB160AFT-10 Datasheet HTML 8Page - Toshiba Semiconductor TC58FVB160AFT-10 Datasheet HTML 9Page - Toshiba Semiconductor TC58FVB160AFT-10 Datasheet HTML 10Page - Toshiba Semiconductor TC58FVB160AFT-10 Datasheet HTML 11Page - Toshiba Semiconductor TC58FVB160AFT-10 Datasheet HTML 12Page - Toshiba Semiconductor TC58FVB160AFT-10 Datasheet HTML 13Page - Toshiba Semiconductor TC58FVB160AFT-10 Datasheet HTML 14Page - Toshiba Semiconductor TC58FVB160AFT-10 Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
TC58FVT160/B160AFT/AXB-70,-10
2001-09-05 11/41
Hidden ROM Area
The TC58FVT160/B160A features a 64-Kbyte hidden ROM area which is separate from the memory cells. The
area consists of one block. Data Read, Write and Protect can be performed on this block. Because Protect cannot
be released, once the block is protected, data in the block cannot be overwritten.
The hidden ROM area is located in the address space indicated in the HIDDEN ROM AREA ADDRESS
TABLE. To access the Hidden ROM area, input a Hidden ROM Mode Entry command. The device now enters
Hidden ROM Mode, allowing Read, Write, Erase and Block Protect to be executed. Write and Erase operations
are the same as auto operations except that the device is in Hidden ROM Mode. To protect the hidden ROM area,
use the block protection function. The operation of Block Protect here is the same as a normal Block Protect
except that VIH rather than VID is input to RESET . Once the block has been protected, protection cannot be
released, even using the temporary block unprotection function. Use Block Protect carefully.
To exit Hidden ROM Mode, use the Hidden ROM Mode Exit command. This will return the device to Read
Mode.
HIDDEN ROM AREA ADDRESS TABLE
BYTE MODE
WORD MODE
TYPE
BOOT BLOCK
ARCHITECTURE
ADDRESS RANGE
SIZE
ADDRESS RANGE
SIZE
TC58FVT160A
TOP BOOT BLOCK
1F0000H~1FFFFFH
64 Kbytes
F8000H~FFFFFH
32 Kwords
TC58FVB160A
BOTTOM BOOT BLOCK
000000H~00FFFFH
64 Kbytes
000000H~007FFFH
32 Kwords


同様の部品番号 - TC58FVB160AFT-10

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC58FVB160AFT-10 TOSHIBA-TC58FVB160AFT-10 Datasheet
548Kb / 41P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results

同様の説明 - TC58FVB160AFT-10

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC58FVT160 TOSHIBA-TC58FVT160 Datasheet
1Mb / 29P
   16-MBIT (2M x 8 BITS/1M x 16 BITS) CMOS FLASH MIMORY
TC58FVT800FT-85 TOSHIBA-TC58FVT800FT-85 Datasheet
1Mb / 28P
   8 MBIT (1M X 8 BITS / 512K X 16 BITS) CMOS FLASH MEMORY
TC58FVM7B2 TOSHIBA-TC58FVM7B2 Datasheet
649Kb / 68P
   128-MBIT (16M X 8 BITS / 8M X 16 BITS) CMOS FLASH MEMORY
TC5816BDC TOSHIBA-TC5816BDC Datasheet
1Mb / 36P
   16 MBIT (2M x 8 BITS) CMOS NAND FLASH E2PROM
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA_1 Datasheet
464Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA Datasheet
434Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_08 Datasheet
484Kb / 50P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
logo
Toshiba Semiconductor
TC58FVT321-70 TOSHIBA-TC58FVT321-70 Datasheet
555Kb / 48P
   32-MBIT (4M 횞 8 BITS / 2M 횞 16 BITS) CMOS FLASH MEMORY
logo
Hynix Semiconductor
HY29LV160 HYNIX-HY29LV160 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
logo
Toshiba Semiconductor
TC58FVT321FT-10 TOSHIBA-TC58FVT321FT-10 Datasheet
560Kb / 48P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 32-MBIT (4M X 8 BITS / 2M X 16 BITS) CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com