データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA15359_EMILY-WW データシート(PDF) 2 Page - Ledil, Inc.

部品番号 CA15359_EMILY-WW
部品情報  Emily Assembly
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEDIL [Ledil, Inc.]
ホームページ  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA15359_EMILY-WW データシート(HTML) 2 Page - Ledil, Inc.

  CA15359_EMILY-WW Datasheet HTML 1Page - Ledil, Inc. CA15359_EMILY-WW Datasheet HTML 2Page - Ledil, Inc. CA15359_EMILY-WW Datasheet HTML 3Page - Ledil, Inc. CA15359_EMILY-WW Datasheet HTML 4Page - Ledil, Inc. CA15359_EMILY-WW Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A
D
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class
M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
SCALE
WEIGHT
SHEET
SIZE
DRAWING TITLE
PART NUMBER
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
A4
1/1
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
CA15359_EMILY-WW
CA15359
3:2
Lens
Tape 0.4mm
C10253
Tape Double
side adhesive
PU Foam
Black
C15358
EMILY-WW
PMMA
Clear
INDEX
PART NO
DESCRIPTION
MATERIAL
COLOUR
1.99
26


同様の部品番号 - CA15359_EMILY-WW

メーカー部品番号データシート部品情報
logo
Ledil, Inc.
CA15365 LEDIL-CA15365 Datasheet
1Mb / 4P
   Oval beam for wall-washing. Assembly with black holder and installation tape.
More results

同様の説明 - CA15359_EMILY-WW

メーカー部品番号データシート部品情報
logo
Ledil, Inc.
CA11389 LEDIL-CA11389 Datasheet
809Kb / 11P
   Emily Assembly
CA11391 LEDIL-CA11391 Datasheet
646Kb / 9P
   Emily Assembly
CA11388 LEDIL-CA11388 Datasheet
637Kb / 10P
   Emily Assembly
CA12062 LEDIL-CA12062 Datasheet
2Mb / 39P
   Emily Assembly
CA13546 LEDIL-CA13546 Datasheet
1Mb / 19P
   Emily Assembly
logo
Cree, Inc
CA13546 CREE-CA13546 Datasheet
726Kb / 13P
   Emily series
CA11387 CREE-CA11387 Datasheet
408Kb / 5P
   Emily series
CA12064 CREE-CA12064 Datasheet
1Mb / 22P
   Emily series
CA11388 CREE-CA11388 Datasheet
494Kb / 8P
   Emily series
CA11390 CREE-CA11390 Datasheet
250Kb / 3P
   Emily series
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com