データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8925 データシート(PDF) 9 Page - NXP Semiconductors

部品番号 TDA8925
部品情報  Power stage 2 x 15 to 25Wclass-D audio amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8925 データシート(HTML) 9 Page - NXP Semiconductors

Back Button TDA8925 Datasheet HTML 5Page - NXP Semiconductors TDA8925 Datasheet HTML 6Page - NXP Semiconductors TDA8925 Datasheet HTML 7Page - NXP Semiconductors TDA8925 Datasheet HTML 8Page - NXP Semiconductors TDA8925 Datasheet HTML 9Page - NXP Semiconductors TDA8925 Datasheet HTML 10Page - NXP Semiconductors TDA8925 Datasheet HTML 11Page - NXP Semiconductors TDA8925 Datasheet HTML 12Page - NXP Semiconductors TDA8925 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
2004 May 06
9
Philips Semiconductors
Product specification
Power stage 2 x 15 to 25 W class-D
audio amplifier
TDA8925
13 AC CHARACTERISTICS
VP = ±15 V; Tamb =25 °C; unless otherwise specified.
Notes
1. VP = ±15 V; RL =8 Ω;fi = 1 kHz; fosc = 310 kHz; Rs = 0.1 Ω (series resistance of filter coil); Tamb =25 °C; measured
in reference design (SE application) shown in Fig.5; unless otherwise specified.
2. Indirectly measured; based on Rds(on) measurement.
3. Total Harmonic Distortion (THD) is measured in a bandwidth of 22 Hz to 20 kHz (AES 17 brickwall filter). When
distortion is measured using a low-order low-pass filter a significantly higher value will be found, due to the switching
frequency outside the audio band. Measured using the typical application circuit, given in Fig.5.
4. Efficiency for power stage.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Single-ended application; note 1
Po
output power
RL =8 Ω
THD = 0.5 %
10(2)
12
W
THD = 10 %
14(2)
15
W
RL =6 Ω
THD = 0.5 %
16
W
THD = 10 %
20
W
THD
total harmonic distortion
Po = 1 W; note 3
fi = 1 kHz
0.05
0.1
%
fi = 10 kHz
0.2
%
η
efficiency endstage
Po =2 × 15 W; fi = 1 kHz; note 4
94
%


同様の部品番号 - TDA8925

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920BJ PHILIPS-TDA8920BJ Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920BTH PHILIPS-TDA8920BTH Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920C NXP-TDA8920C Datasheet
275Kb / 40P
   2 X110 W class-D power amplifier
Rev. 01-29 September 2008
More results

同様の説明 - TDA8925

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8927 PHILIPS-TDA8927 Datasheet
489Kb / 36P
   Power stage 2 x 80 W class-D audio amplifier
2001 Dec 11
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
logo
Princeton Technology Co...
PT2004 PTC-PT2004 Datasheet
226Kb / 3P
   2.2W x 2 Class-D Audio Power Amplifier
PT2832 PTC-PT2832 Datasheet
309Kb / 5P
   22W x 2, Class-D Audio Power Amplifier
PT2831 PTC-PT2831 Datasheet
222Kb / 5P
   15W x 2, Class-D Audio Power Amplifier
logo
International Rectifier
IRAUDAMP22 IRF-IRAUDAMP22_15 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP21 IRF-IRAUDAMP21_15 Datasheet
820Kb / 22P
   90W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP5 IRF-IRAUDAMP5_15 Datasheet
833Kb / 51P
   120W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP10 IRF-IRAUDAMP10_15 Datasheet
614Kb / 34P
   300W x 2 Channel Class D Audio Power Amplifier
logo
STMicroelectronics
TDA7379 STMICROELECTRONICS-TDA7379 Datasheet
587Kb / 7P
   4 X 13 - 2 X 38W AUDIO POWER AMPLIFIER 2 X 13 1 X 38W AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com