データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8618 データシート(PDF) 2 Page - Analog Devices

部品番号 AD8618
部品情報  Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8618 データシート(HTML) 2 Page - Analog Devices

  AD8618 Datasheet HTML 1Page - Analog Devices AD8618 Datasheet HTML 2Page - Analog Devices AD8618 Datasheet HTML 3Page - Analog Devices AD8618 Datasheet HTML 4Page - Analog Devices AD8618 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Preliminary Technical Data
AD8615/AD8616/AD8618
-
2-
Rev PrA 6/2/03
ELECTRICAL CHARACTERISTICS (V
S=+3.0V, VCM = VS/2, TA=+25°C unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
VOS
VCM = 0V to 3V
80
300
µV
-40°< TA < +125°C
750
µV
Input Bias Current
IB
0.2
60
pA
-40°< TA < +85°C
100
pA
-40°< TA < +125°C
100
pA
Input Offset Current
IOS
0.1
30
pA
-40°< TA < +85°C
50
pA
-40°< TA < +125°C
500
pA
Input Voltage Range
0
3
V
Common-Mode Rejection Ratio
CMRR
VCM = 0V to 3V
68
83
dB
Large Signal Voltage Gain
AVO
RL = 2 kΩ VO= 0.5V to 2.5V
30
100
V/mV
Offset Voltage Drift
∆V
OS/∆T
2
µV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 1mA
2.92
2.95
V
-40°C < TA < +125°C
2.88
V
Output Voltage Low
VOL
IL = 1mA
20
35
mV
-40°C < TA < +125°C
50
mV
Output Current
IOUT
±150
mA
Closed Loop Output Impedance
ZOUT
f=1 MHz, AV = 1
12
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.7 V to 5.5 V
67
80
dB
Supply Current/Amplifier
ISY
VO = 0V
1.6
2.0
mA
-40°< TA < +125°C
TBD
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL =2 kΩ
12
V/
µs
Settling Time
ts
To 0.01%
<0.25
µs
Gain Bandwidth Product
GBP
20
MHz
Phase Margin
Øo
40
degrees
NOISE PERFORMANCE
Voltage Noise Density
en
f=1kHz
8
nV/
√Hz
Voltage Noise Density
en
f=10kHz
6
nV/
√Hz
Current Noise Density
in
f=1kHz
0.05
pA/
√Hz


同様の部品番号 - AD8618

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8618 AD-AD8618 Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
AD8618AR AD-AD8618AR Datasheet
495Kb / 16P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. A
AD8618AR AD-AD8618AR Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
AD8618AR AD-AD8618AR Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8618AR-REEL AD-AD8618AR-REEL Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
More results

同様の説明 - AD8618

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8615 AD-AD8615_05 Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
AD8616 AD-AD8616 Datasheet
495Kb / 16P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. A
AD8616ARMZ AD-AD8616ARMZ Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8615 AD-AD8615_08 Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
OP-184 AD-OP-184 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
logo
List of Unclassifed Man...
TSV994AIYPT ETC2-TSV994AIYPT Datasheet
989Kb / 25P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
logo
STMicroelectronics
TSV991 STMICROELECTRONICS-TSV991_08 Datasheet
515Kb / 18P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
logo
Analog Devices
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com