データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDS6675A データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FDS6675A
部品情報  30V P-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6675A データシート(HTML) 3 Page - Fairchild Semiconductor

  FDS6675A Datasheet HTML 1Page - Fairchild Semiconductor FDS6675A Datasheet HTML 2Page - Fairchild Semiconductor FDS6675A Datasheet HTML 3Page - Fairchild Semiconductor FDS6675A Datasheet HTML 4Page - Fairchild Semiconductor FDS6675A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FDS6675A Rev C (W)
Typical Characteristics
0
10
20
30
40
50
00.5
1
1.5
22.5
-VDS, DRAIN TO SOURCE VOLTAGE (V)
V
GS = -10V
-6.0V
-4.0V
-4.5V
-3.0V
-3.5V
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
0
102030
4050
-ID, DRAIN CURRENT (A)
VGS = - 3.5V
-4.5V
-6.0V
-10V
-4.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
175
TJ, JUNCTION TEMPERATURE (
oC)
ID = -11A
VGS = - 10V
0
0.01
0.02
0.03
0.04
0.05
246
8
10
-VGS, GATE TO SOURCE VOLTAGE (V)
ID = -5.5A
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
10
20
30
40
50
11.5
2
2.533.5
4
-V
GS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25
oC
125
oC
VDS = -10V
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
-VSD, BODY DIODE FORWARD VOLTAGE (V)
VGS = 0V
TA = 125
oC
25
oC
-55
oC
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


同様の部品番号 - FDS6675A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS6675 FAIRCHILD-FDS6675 Datasheet
247Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6675 FAIRCHILD-FDS6675 Datasheet
515Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
logo
Guangdong Youtai Semico...
FDS6675 UMW-FDS6675 Datasheet
358Kb / 6P
   -30V P-Channel MOSFET
logo
Fairchild Semiconductor
FDS6675BZ FAIRCHILD-FDS6675BZ Datasheet
360Kb / 6P
   P-Channel PowerTrench MOSFET -30V, -11A, 13mOhm
FDS6675BZ FAIRCHILD-FDS6675BZ Datasheet
457Kb / 6P
   P-Channel PowerTrench짰 MOSFET
More results

同様の説明 - FDS6675A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
SI6415DQ FAIRCHILD-SI6415DQ Datasheet
108Kb / 5P
   30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430_02 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS9400A FAIRCHILD-FDS9400A Datasheet
165Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDT458P FAIRCHILD-FDT458P Datasheet
99Kb / 5P
   30V P-Channel PowerTrench MOSFET
SI4435DY FAIRCHILD-SI4435DY Datasheet
93Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDD6685 FAIRCHILD-FDD6685 Datasheet
116Kb / 6P
   30V P-Channel PowerTrench MOSFET
FDW256P FAIRCHILD-FDW256P Datasheet
67Kb / 5P
   30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
SI6435DQ FAIRCHILD-SI6435DQ Datasheet
110Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDW256P FAIRCHILD-FDW256P_08 Datasheet
216Kb / 5P
   30V P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com