データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL4581DR データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TL4581DR
部品情報  DUAL LOW-NOISE HIGH-DRIVE OPERATIONAL AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL4581DR データシート(HTML) 3 Page - Texas Instruments

  TL4581DR Datasheet HTML 1Page - Texas Instruments TL4581DR Datasheet HTML 2Page - Texas Instruments TL4581DR Datasheet HTML 3Page - Texas Instruments TL4581DR Datasheet HTML 4Page - Texas Instruments TL4581DR Datasheet HTML 5Page - Texas Instruments TL4581DR Datasheet HTML 6Page - Texas Instruments TL4581DR Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TL4581
DUAL LOW-NOISE HIGH-DRIVE OPERATIONAL AMPLIFIER
SLVS457A – JANUARY 2003 – REVISED MARCH 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, VCC
± = +15 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VO =0
TA = 25°C
0.5
4
mV
VIO
Input offset voltage
VO = 0
TA = 0°C to 70°C
5
mV
IIO
Input offset current
TA = 25°C
10
150
nA
IIO
Input offset current
TA = 0°C to 70°C
200
nA
IIB
Input bias current
TA = 25°C
200
800
nA
IIB
Input bias current
TA = 0°C to 70°C
1000
nA
VICR
Common-mode input-voltage range
±12
±13
V
VOPP
Maximum peak-to-peak
RL ≥ 600 Ω
VCC
± = ±15 V
24
26
V
VOPP
output-voltage swing
RL ≥ 600 Ω
VCC
± = ±18 V
30
32
V
RL ≥ 600 Ω,
TA = 25°C
15
50
AVD
Large-signal
L
,
VO = ±10 V
TA = 0°C to 70°C
10
V/mV
AVD
gg
differential-voltage amplification
RL ≥ 2 kΩ,
TA = 25°C
25
100
V/mV
L
,
VO = ±10 V
TA = 0°C to 70°C
15
Avd
Small-signal
differential-voltage amplification
f = 10 kHz
2.2
V/mV
BOM
Maximum output swing bandwidth
RL = 600 Ω
VO = ±10 V
140
kHz
BOM
Maximum-output-swing bandwidth
RL = 600 Ω
VCC
± = ±18 V,
VO = ±14 V
100
kHz
B1
Unity-gain bandwidth
RL = 600 Ω,
CL = 100 pF
10
MHz
ri
Input resistance
30
300
k
zo
Output impedance
AVD = 30 dB,
RL = 600 Ω,
f = 10 kHz
0.3
CMRR
Common-mode rejection ratio
VIC = VICR min
70
100
dB
kSVR
Supply-voltage rejection ratio
(
∆VCC±/∆VIO)
VCC
± = ±9 V to ±15 V,
VO = 0
80
100
dB
IOS
Output short-circuit current
10
38
60
mA
ICC
Total supply curent
VO = 0,
No load
8
16
mA
Crosstalk attenuation (VO1/VO2)
V01 = 10 V
peak,
f = 1 kHz
110
dB
† All characteristics are measured under open-loop conditions with zero common-mode input voltage, unless otherwise specified.
operating characteristics, VCC± = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
9
V/
µs
Overshoot factor
VI = 100 mV,
RL = 600 Ω,
AVD = 1,
CL = 100 pF
10
%
V
Equivalent input noise voltage
f = 30 Hz
8
nV/
√Hz
Vn
Equivalent input noise voltage
f = 1 kHz
5
nV/
√Hz
I
Equivalent input noise current
f = 30 Hz
2.7
pA/
√Hz
In
Equivalent input noise current
f = 1 kHz
0.7
pA/
√Hz


同様の部品番号 - TL4581DR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL4581DR TI-TL4581DR Datasheet
205Kb / 8P
[Old version datasheet]   DUAL LOW-NOISE HIGH-DRIVE OPERATIONAL AMPLIFIER
TL4581DR TI1-TL4581DR Datasheet
670Kb / 9P
[Old version datasheet]   DUAL LOW-NOISE HIGH-DRIVE OPERATIONAL AMPLIFIER
TL4581DRE4 TI-TL4581DRE4 Datasheet
205Kb / 8P
[Old version datasheet]   DUAL LOW-NOISE HIGH-DRIVE OPERATIONAL AMPLIFIER
More results

同様の説明 - TL4581DR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL4581 TI1-TL4581_15 Datasheet
670Kb / 9P
[Old version datasheet]   DUAL LOW-NOISE HIGH-DRIVE OPERATIONAL AMPLIFIER
TL4581 TI-TL4581_06 Datasheet
205Kb / 8P
[Old version datasheet]   DUAL LOW-NOISE HIGH-DRIVE OPERATIONAL AMPLIFIER
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
   Dual Low-Noise Operational Amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
   Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
New Japan Radio
NJM2041 NJRC-NJM2041 Datasheet
195Kb / 5P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER????
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833_05 Datasheet
136Kb / 9P
   Low Noise Dual Operational Amplifier
MC33078 STMICROELECTRONICS-MC33078_08 Datasheet
192Kb / 15P
   Low noise dual operational amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580 Datasheet
112Kb / 9P
   Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC33077DG ONSEMI-MC33077DG Datasheet
179Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com