データシートサーチシステム |
|
TS78M00 データシート(PDF) 3 Page - List of Unclassifed Manufacturers |
|
TS78M00 データシート(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 8 page TS78M00 series 3-8 2003/12 rev. B TS78M08 Electrical Characteristics (Vin=14V, Iout=350mA, 0 oC≤Tj≤125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.) Parameter Symbol Test Conditions Min Typ Max Unit Tj=25 oC 7.69 8 8.32 Output Voltage Vout 10.5V ≤Vin≤23V, 5mA ≤Iout≤350mA, PD≤5W 7.61 8 8.40 V Line Regulation REGline Tj=25 oC 10.5V ≤Vin≤25V, Io=200mA -- 6 50 5mA ≤Iout≤500mA -- 25 160 Load Regulation REGload Tj=25 oC 5mA ≤Iout≤200mA -- 10 80 mV Quiescent Current Iq Iout=0, Tj=25 oC -- 3 6 10.5V ≤Vin≤25V -- -- 0.8 Quiescent Current Change ∆Iq 5mA ≤Iout≤350mA -- -- 0.5 mA Output Noise Voltage Vn 10Hz ≤f≤100KHz, Tj=25 oC -- 52 -- uV Ripple Rejection Ratio RR f=120Hz, 11V ≤Vin≤21V 56 80 -- dB Voltage Drop Vdrop Iout=350mA, Tj=25 oC -- 2 -- V Output Short Circuit Current Ios Tj=25 oC -- 50 -- mA Peak Output Current Io peak Tj=25 oC -- 0.7 -- A Temperature Coefficient of Output Voltage ∆Vout/ ∆Tj Iout=5mA, 0 oC≤Tj≤125 oC -- -0.2 -- mV/ oC TS78M09 Electrical Characteristics (Vin=15V, Iout=350mA, 0 oC≤Tj≤125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.) Parameter Symbol Test Conditions Min Typ Max Unit Tj=25 oC 8.65 9 9.36 Output Voltage Vout 11.5V ≤Vin≤23V, 5mA ≤Iout≤350mA, PD≤5W 8.57 9 9.45 V Line Regulation REGline Tj=25 oC 11.5V ≤Vin≤26V, Io=200mA -- 6 50 5mA ≤Iout≤500mA -- 25 180 Load Regulation REGload Tj=25 oC 5mA ≤Iout≤200mA -- 10 90 mV Quiescent Current Iq Iout=0, Tj=25 oC -- 3 6 11.5V ≤Vin≤26V -- -- 0.8 Quiescent Current Change ∆Iq 5mA ≤Iout≤350mA -- -- 0.5 mA Output Noise Voltage Vn 10Hz ≤f≤100KHz, Tj=25 oC -- 52 -- uV Ripple Rejection Ratio RR f=120Hz, 12V ≤Vin≤22V 55 80 -- dB Voltage Drop Vdrop Iout=350mA, Tj=25 oC -- 2 -- V Output Short Circuit Current Ios Tj=25 oC -- 50 -- mA Peak Output Current Io peak Tj=25 oC -- 0.7 -- A Temperature Coefficient of Output Voltage ∆Vout/ ∆Tj Iout=5mA, 0 oC≤Tj≤125 oC -- -0.2 -- mV/ oC Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible, and thermal effects must be taken into account separately. This specification applies only for DC power dissipation permitted by absolute maximum ratings. |
同様の部品番号 - TS78M00 |
|
同様の説明 - TS78M00 |